Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24297 Datasheet(PDF) 31 Page - Texas Instruments

Part # BQ24297
Description  bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24297 Datasheet(HTML) 31 Page - Texas Instruments

Back Button BQ24297_15 Datasheet HTML 27Page - Texas Instruments BQ24297_15 Datasheet HTML 28Page - Texas Instruments BQ24297_15 Datasheet HTML 29Page - Texas Instruments BQ24297_15 Datasheet HTML 30Page - Texas Instruments BQ24297_15 Datasheet HTML 31Page - Texas Instruments BQ24297_15 Datasheet HTML 32Page - Texas Instruments BQ24297_15 Datasheet HTML 33Page - Texas Instruments BQ24297_15 Datasheet HTML 34Page - Texas Instruments BQ24297_15 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
1
7
Slave Address
S
1
1
ACK
8
Reg Addr
ACK
1
ACK
1
1
P
7
0
1
Data
NCK
8
Slave Address
1
1
1
S
1
7
Slave Address
S
1
1
ACK
8
Reg Addr
ACK
1
Data Addr
ACK
1
1
P
8
0
START
SCL
SDA
S
1-7
8
9
ACK
1-7
8
9
ACK
1-7
8
9
STOP
P
ADDRESS
R/W
DATA
ACK
DATA
SCL
SDA
START or
Repeated
START
S or Sr
1
2
7
8
9
MSB
ACK
Acknowledgement
signal from slave
1
2
8
9
ACK
Acknowledgement
signal from receiver
STOP or
Repeated
START
P or Sr
bq24296, bq24297
www.ti.com
SLUSBP6B – SEPTEMBER 2013 – REVISED NOVEMBER 2014
Programming (continued)
Figure 23. Data Transfer on the I2C Bus
9.5.1.4 Acknowledge (ACK) and Not Acknowledge (NACK)
The acknowledge takes place after every byte. The acknowledge bit allows the receiver to signal the transmitter
that the byte was successfully received and another byte may be sent. All clock pulses, including the
acknowledge 9th clock pulse, are generated by the master.
The transmitter releases the SDA line during the acknowledge clock pulse so the receiver can pull the SDA line
LOW and it remains stable LOW during the HIGH period of this clock pulse.
When SDA remains HIGH during the 9th clock pulse, this is the Not Acknowledge signal. The master can then
generate either a STOP to abort the transfer or a repeated START to start a new transfer.
9.5.1.5 Slave Address and Data Direction Bit
After the START, a slave address is sent. This address is 7 bits long followed by the eighth bit as a data direction
bit (bit R/W). A zero indicates a transmission (WRITE) and a one indicates a request for data (READ).
Figure 24. Complete Data Transfer
9.5.1.5.1
Single Read and Write
Figure 25. Single Write
Figure 26. Single Read
If the register address is not defined, the charger IC send back NACK and go back to the idle state.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: bq24296 bq24297


Similar Part No. - BQ24297_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24297RGER TI1-BQ24297RGER Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24297RGER TI1-BQ24297RGER Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297RGER TI1-BQ24297RGER Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297RGET TI1-BQ24297RGET Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24297RGET TI1-BQ24297RGET Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
More results

Similar Description - BQ24297_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24296 TI-BQ24296_15 Datasheet
1Mb / 55P
[Old version datasheet]   bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24298 TI-BQ24298_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24298 I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com