Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24298 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ24298
Description  bq24298 I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24298 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24298_15 Datasheet HTML 6Page - Texas Instruments BQ24298_15 Datasheet HTML 7Page - Texas Instruments BQ24298_15 Datasheet HTML 8Page - Texas Instruments BQ24298_15 Datasheet HTML 9Page - Texas Instruments BQ24298_15 Datasheet HTML 10Page - Texas Instruments BQ24298_15 Datasheet HTML 11Page - Texas Instruments BQ24298_15 Datasheet HTML 12Page - Texas Instruments BQ24298_15 Datasheet HTML 13Page - Texas Instruments BQ24298_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
bq24298
SLUSC59 – APRIL 2015
www.ti.com
7.6 Timing Requirements
MIN
TYP
MAX
UNIT
VBUS/BAT POWER UP
tBADSRC
Bad source detection duration
30
ms
BOOST MODE OPERATION
tOTG_OCP_OFF
OTG mode over-current protection off cycle time
32
ms
tOTG_OCP_ON
OTG mode over-current protection on cycle time
450
µs
QON TIMING
tQON_ON_1
QON low time to turn on BATFET and exit ship mode
0.6
1.5
s
tQON_RST
QON low time to reset BATFET
10
12.5
15
s
tBATFET_RST
BATFET reset duration
250
400
ms
LOGIC I/O PIN CHARACTERISTICS (OTG, CE, STAT, QON, PSEL, PG)
tBATFET_DLY
BATFET disable delay time
7
9
11
s
DIGITAL CLOCK AND WATCHDOG TIMER
REGN LDO disabled
138
172
tWDT
REG05[5:4] = 11
s
REGN LDO enabled
138
168
Figure 1. I2C-Compatible Interface Timing Diagram
7.7 Typical Characteristics
Table 1. Table of Figures
FIGURE
Charging Efficiency vs Charging Current (DCR = 10 m
Ω)
Figure 2
System Efficiency vs System Load Current (DCR = 10 m
Ω)
Figure 3
Boost Mode Efficiency vs VBUS Load Current (DCR = 10 m
Ω)
Figure 4
SYS Voltage Regulation vs System Load Current
Figure 5
Boost Mode VBUS Voltage Regulation (Typical Output = 4.998 V, REG06[7:4] = 0111) vs VBUS Load Current
Figure 6
SYS Voltage vs Temperature
Figure 7
BAT Voltage vs Temperature
Figure 8
Input Current Limit vs Temperature
Figure 9
Charge Current vs Package Temperature
Figure 10
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq24298


Similar Part No. - BQ24298_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24298RTWR TI1-BQ24298RTWR Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24298RTWT TI1-BQ24298RTWT Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
More results

Similar Description - BQ24298_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24297 TI-BQ24297_15 Datasheet
1Mb / 55P
[Old version datasheet]   bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24296 TI-BQ24296_15 Datasheet
1Mb / 55P
[Old version datasheet]   bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com