Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BQ24725ARGRR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part No. BQ24725ARGRR
Description  bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24725ARGRR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24725ARGRR Datasheet HTML 3Page - Texas Instruments BQ24725ARGRR Datasheet HTML 4Page - Texas Instruments BQ24725ARGRR Datasheet HTML 5Page - Texas Instruments BQ24725ARGRR Datasheet HTML 6Page - Texas Instruments BQ24725ARGRR Datasheet HTML 7Page - Texas Instruments BQ24725ARGRR Datasheet HTML 8Page - Texas Instruments BQ24725ARGRR Datasheet HTML 9Page - Texas Instruments BQ24725ARGRR Datasheet HTML 10Page - Texas Instruments BQ24725ARGRR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
bq24725A
www.ti.com
SLUSAL0A – SEPTEMBER 2011 – REVISED AUGUST 2014
Electrical Characteristics (continued)
4.5 V
≤ VVCC ≤ 24 V, 0°C ≤ TJ ≤ 125°C, typical values are at TA = 25°C, with respect to GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREGN = 0V, VVCC > UVLO charge enabled and not in
50
75
mA
TSHUT
IREGN_LIM
REGN current limit
VREGN = 0V, VVCC > UVLO charge disabled or in
7
14
mA
TSHUT
REGN output capacitor required for
ILOAD = 100µA to 50mA
1
CREGN
µF
stability
INPUT UNDERVOLTAGE LOCKOUT COMPARATOR (UVLO)
Under voltage rising threshold
VVCC rising
3.5
3.75
4
V
UVLO
Under voltage hysteresis, falling
VVCC falling
340
mV
FAST DPM COMPARATOR (FAST_DPM)
Fast DPM comparator stop charging rising threshold with respect to input current limit, voltage
VFAST_DPM
103%
107%
111%
across input sense resistor rising edge
QUIESCENT CURRENT
Battery BATFET OFF STATE Current,
VVBAT = 16.8V, VCC disconnect from battery, BATFET
BATFET off,
IBAT_BATFET_OFF
5
µA
charge pump off, BATFET turns off, TJ = 0 to 85°C
ISRP + ISRN + IPHASE + IACP + IACN
Battery BATFET ON STATE Current,
VVBAT = 16.8V, VCC connect from battery, BATFET
BATFET on,
IBAT_BATFET_ON
25
µA
charge pump on, BATFET turns on, TJ = 0 to 85°C
ISRP + ISRN + IPHASE + IVCC + IACP + IACN
Standby quiescent current, IVCC + IACP +
VVCC > UVLO, VACDET > 0.6V, charge disabled,
ISTANDBY
0.65
0.8
mA
IACN
TJ = 0 to 85°C
Adapter bias current during charge,
VVCC > UVLO, 2.4V < VACDET < 3.15V,
IAC_NOSW
1.5
3
mA
IVCC + IACP + IACN
charge enabled, no switching, TJ = 0 to 85°C
Adapter bias current during charge,
VVCC > UVLO, 2.4V < VACDET < 3.15V,
IAC_SW
10
mA
IVCC + IACP + IACN
charge enabled, switching, MOSFET Sis412DN
ACOK COMPARATOR
VACOK_RISE
ACOK rising threshold
VVCC > UVLO, VACDET rising
2.376
2.4
2.424
V
VACOK_FALL_HYS
ACOK falling hysteresis
VVCC> UVLO, VACDET falling
35
55
75
mV
VVCC> UVLO, VACDET rising above 2.4V,
100
150
200
ms
First time OR ChargeOption() bit [15] = 0
VACOK_RISE_DEG
ACOK rising deglitch (Specified by design)
VVCC> UVLO, VACDET rising above 2.4V,
(NOT First time) AND ChargeOption() bit [15] = 1
0.9
1.3
1.7
s
(Default)
VWAKEUP_RISE
WAKEUP detect rising threshold
VVCC> UVLO, VACDET rising
0.57
0.8
V
VWAKEUP_FALL
WAKEUP detect falling threshold
VVCC> UVLO, VACDET falling
0.3
0.51
V
VCC to SRN COMPARATOR (VCC_SRN)
VVCC-SRN_FALL
VCC-SRN falling threshold
VVCC falling towards VSRN
70
125
200
mV
VVCC-SRN _RHYS
VCC-SRN rising hysteresis
VVCC rising above VSRN
100
150
200
mV
ACN to SRN COMPARATOR (ACN_SRN)
VACN-SRN_FALL
ACN to BAT falling threshold
VACN falling towards VSRN
120
200
280
mV
VACN-SRN_RHYS
ACN to BAT rising hysteresis
VACN rising above VSRN
40
80
120
mV
HIGH SIDE IFAULT COMPARATOR (IFAULT_HI)(1)
ChargeOption() bit [8] = 1 (Default)
450
750
1200
VIFAULT_HI_RISE
ACP to PHASE rising threshold
mV
ChargeOption() bit [8] = 0 Disable function
LOW SIDE IFAULT COMPARATOR (IFAULT_LOW) (1)
ChargeOption() bit [7] = 0 (Default)
70
135
220
VIFAULT_LOW_RISE
PHASE to GND rising threshold
mV
ChargeOption() bit [7] = 1
140
230
340
INPUT OVER-VOLTAGE COMPARATOR (ACOV)
VACOV
ACDET over voltage rising threshold
VACDET rising
3.05
3.15
3.25
V
VACOV_HYS
ACDET over voltage falling hysteresis
VACDET falling
50
75
100
mV
INPUT OVER-CURRENT COMPARATOR (ACOC)(1)
Adapter over current rising threshold with
ChargeOption() bit [1] = 1 (Default)
300%
333%
366%
VACOC
respect to input current limit, voltage
ChargeOption() bit [1] = 0 Disable function
across input sense resistor rising edge
(1)
User can adjust threshold via SMBus ChargeOption() REG0x12.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq24725A


Similar Part No. - BQ24725ARGRR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725ARGRR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
Silan Microelectronics Joint-stock
Silan Microelectronics ...
SA1412 SILAN-SA1412 Datasheet
132Kb / 5P
   TWO CELL LI BATTERY PROTECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com