Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BQ24725ARGRR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725ARGRR
Description  bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24725ARGRR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24725ARGRR Datasheet HTML 7Page - Texas Instruments BQ24725ARGRR Datasheet HTML 8Page - Texas Instruments BQ24725ARGRR Datasheet HTML 9Page - Texas Instruments BQ24725ARGRR Datasheet HTML 10Page - Texas Instruments BQ24725ARGRR Datasheet HTML 11Page - Texas Instruments BQ24725ARGRR Datasheet HTML 12Page - Texas Instruments BQ24725ARGRR Datasheet HTML 13Page - Texas Instruments BQ24725ARGRR Datasheet HTML 14Page - Texas Instruments BQ24725ARGRR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
bq24725A
www.ti.com
SLUSAL0A – SEPTEMBER 2011 – REVISED AUGUST 2014
Typical Characteristics (continued)
,
CH1: Vin, 10V/div , CH2: LODRV, 5V/div, CH3: PHASE, 10V/div
CH1: ILIM, 1V/div
CH4: inductor current, 2A/div, 2ms/div
CH4: inductor current, 1A/div, 4us/div
Figure 3. Current Soft-Start
Figure 4. Charge Disable by ILIM
CH1: PHASE, 10V/div, CH2: LODRV, 5V/div
CH1: PHASE, 10V/div, CH2: LODRV, 5V/div
CH3: HIDRV, 10V/div
CH3: HIDRV, 10V/div
CH4: inductor current, 2A/div, 400ns/div
CH4: inductor current, 1A/div, 400ns/div
Figure 5. Continuous Conduction Mode Switching
Figure 6. Cycle-by-Cycle Synchronous to Non-synchronous
Waveforms
CH1: PHASE, 10V/div, CH2: LODRV, 5V/div
CH2: battery current, 2A/div, CH3: adapter current, 2A/div
CH4: inductor current, 2A/div, 4us/div
CH4: system load current, 2A/div, 100us/div
Figure 7. 100% Duty and Refresh Pulse
Figure 8. System Load Transient (Input DPM)
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq24725A


Similar Part No. - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
Silan Microelectronics Joint-stock
Silan Microelectronics ...
SA1412 SILAN-SA1412 Datasheet
132Kb / 5P
   TWO CELL LI BATTERY PROTECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com