Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BQ24725ARGRR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725ARGRR
Description  bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24725ARGRR Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ24725ARGRR Datasheet HTML 15Page - Texas Instruments BQ24725ARGRR Datasheet HTML 16Page - Texas Instruments BQ24725ARGRR Datasheet HTML 17Page - Texas Instruments BQ24725ARGRR Datasheet HTML 18Page - Texas Instruments BQ24725ARGRR Datasheet HTML 19Page - Texas Instruments BQ24725ARGRR Datasheet HTML 20Page - Texas Instruments BQ24725ARGRR Datasheet HTML 21Page - Texas Instruments BQ24725ARGRR Datasheet HTML 22Page - Texas Instruments BQ24725ARGRR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
o
o
o
1
=
2
L C
p
¦
bq24725A
www.ti.com
SLUSAL0A – SEPTEMBER 2011 – REVISED AUGUST 2014
Device Functional Modes (continued)
8.4.8 Charge Timeout
The bq24725A includes a watchdog timer to terminate charging if the charger does not receive a write
ChargeVoltage() or write ChargeCurrent() command within 175s (adjustable via ChargeOption() command). If a
watchdog timeout occurs all register values keep unchanged but charge is suspended. Write ChargeVoltage() or
write ChargeCurrent() commands must be re-sent to reset watchdog timer and resume charging. The watchdog
timer can be disabled, or set to 44s, 88s or 175s via SMBus command (ChargeOption() bit[14:13]). After
watchdog timeout write ChargeOption() bit[14:13] to disable watchdog timer also resume charging.
8.4.9 Converter Operation
The synchronous buck PWM converter uses a fixed frequency voltage mode control scheme and internal type III
compensation network. The LC output filter gives a characteristic resonant frequency
(1)
The resonant frequency fo is used to determine the compensation to ensure there is sufficient phase margin and
gain margin for the target bandwidth. The LC output filter should be selected to give a resonant frequency of
10–20 kHz nominal for the best performance. Suggest component value as charge current of 750kHz default
switching frequency is shown in Table 1.
Ceramic capacitors show a dc-bias effect. This effect reduces the effective capacitance when a dc-bias voltage is
applied across a ceramic capacitor, as on the output capacitor of a charger. The effect may lead to a significant
capacitance drop, especially for high output voltages and small capacitor packages. See the manufacturer's data
sheet about the performance with a dc bias voltage applied. It may be necessary to choose a higher voltage
rating or nominal capacitance value in order to get the required value at the operating point.
Table 1. Suggest Component Value as Charge Current of Default 750kHz
Switching Frequency
Charge Current
2A
3A
4A
6A
8A
Output Inductor Lo (µH)
6.8 or 8.2
5.6 or 6.8
3.3 or 4.7
3.3
2.2
Output Capacitor Co (µF)
20
20
20
30
40
Sense Resistor (m
Ω)
10
10
10
10
10
The bq24725A has three loops of regulation: input current, charge current and charge voltage. The three loops
are brought together internally at the error amplifier. The maximum voltage of the three loops appears at the
output of the error amplifier EAO. An internal saw-tooth ramp is compared to the internal error control signal EAO
(see Figure 10) to vary the duty-cycle of the converter. The ramp has offset of 200mV in order to allow 0% duty-
cycle.
When the battery charge voltage approaches the input voltage, EAO signal is allowed to exceed the saw-tooth
ramp peak in order to get a 100% duty-cycle. If voltage across BTST and PHASE pins falls below 4.3V, a refresh
cycle starts and low-side n-channel power MOSFET is turned on to recharge the BTST capacitor. It can achieve
duty cycle of up to 99.5%.
8.4.10 Continuous Conduction Mode (CCM)
With sufficient charge current the bq24725A’s inductor current never crosses zero, which is defined as
continuous conduction mode. The controller starts a new cycle with ramp coming up from 200mV. As long as
EAO voltage is above the ramp voltage, the high-side MOSFET (HSFET) stays on. When the ramp voltage
exceeds EAO voltage, HSFET turns off and low-side MOSFET (LSFET) turns on. At the end of the cycle, ramp
gets reset and LSFET turns off, ready for the next cycle. There is always break-before-make logic during
transition to prevent cross-conduction and shoot-through. During the dead time when both MOSFETs are off, the
body-diode of the low-side power MOSFET conducts the inductor current.
During CCM mode, the inductor current is always flowing and creates a fixed two-pole system. Having the
LSFET turn-on keeps the power dissipation low, and allows safely charging at high currents.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: bq24725A


Similar Part No. - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
Silan Microelectronics Joint-stock
Silan Microelectronics ...
SA1412 SILAN-SA1412 Datasheet
132Kb / 5P
   TWO CELL LI BATTERY PROTECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com