Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX391CUE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX391CUE
Description  Precision, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX391CUE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX391CUE Datasheet HTML 2Page - Maxim Integrated Products MAX391CUE Datasheet HTML 3Page - Maxim Integrated Products MAX391CUE Datasheet HTML 4Page - Maxim Integrated Products MAX391CUE Datasheet HTML 5Page - Maxim Integrated Products MAX391CUE Datasheet HTML 6Page - Maxim Integrated Products MAX391CUE Datasheet HTML 7Page - Maxim Integrated Products MAX391CUE Datasheet HTML 8Page - Maxim Integrated Products MAX391CUE Datasheet HTML 9Page - Maxim Integrated Products MAX391CUE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Precision, Quad, SPST Analog Switches
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
10
-5.0
-2.5
2.5
RON vs. VCOM
(DUAL SUPPLIES)
35
VCOM (V)
0
5.0
25
15
30
20
40
A: V+ = 3V, V- = -3V
B: V+ = 5V, V- = -5V
A
B
10
-5.0
-2.5
2.5
RON vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
35
VCOM (V)
0
5.0
25
15
30
20
40
V+ = +5V,
V- = -5V
A: TA = +125°C
B: TA = +85°C
C: TA = +25°C
D: TA = -55°C
A
B
C
D
0
04
8
RON vs. VCOM
(SINGLE SUPPLY)
100
VCOM (V)
610
60
20
80
40
120
V- = 0V
12
2
V+ = 3V
V+ = 5V
V+ = 12V
0
01
3
RON vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
100
VCOM (V)
24
60
20
80
40
120
5
A: TA = +125°C
B: TA = +85°C
C: TA = +25°C
D: TA = -55°C
A
B
C
D
V+ = 5V
V- = 0V
-30
-5.0
CHARGE INJECTION vs. VCOM
20
VCOM (V)
0
5.0
0
-20
10
-10
30
-2.5
2.5
V+ = 5V, V- = -5V
V+ = 5V
V- = 0V
0.0001
-75
OFF LEAKAGE CURRENT vs.
TEMPERATURE
10
TEMPERATURE (°C)
+25
+125
0.1
0.001
1
0.01
100
V+ = 5.5V, V- = -5.5V
VCOM = ±4.5V
VNC OR VNO = ±4.5V
-25
+75
0.0001
-75
ON LEAKAGE CURRENT vs.
TEMPERATURE
10
TEMPERATURE (°C)
+25
+125
0.1
0.001
1
0.01
100
V+ = 5.5V, V- = -5.5V
VCOM = ±4.5V
-25
+75
0.0001
-75
SUPPLY CURRENT vs. TEMPERATURE
10
TEMPERATURE (°C)
+25
+125
0.1
0.001
1
0.01
100
I- at V- = -5.5V
I+ at V+ = 5.5V


Similar Part No. - MAX391CUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX391CUE MAXIM-MAX391CUE Datasheet
381Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 3; 8/06
More results

Similar Description - MAX391CUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com