Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX395CWG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX395CWG
Description  Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX395CWG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX395CWG Datasheet HTML 5Page - Maxim Integrated Products MAX395CWG Datasheet HTML 6Page - Maxim Integrated Products MAX395CWG Datasheet HTML 7Page - Maxim Integrated Products MAX395CWG Datasheet HTML 8Page - Maxim Integrated Products MAX395CWG Datasheet HTML 9Page - Maxim Integrated Products MAX395CWG Datasheet HTML 10Page - Maxim Integrated Products MAX395CWG Datasheet HTML 11Page - Maxim Integrated Products MAX395CWG Datasheet HTML 12Page - Maxim Integrated Products MAX395CWG Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Serially Controlled, Low-Voltage,
8-Channel SPST Switch
_______________________________________________________________________________________
9
0
-5
-3
1
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
40
120
VCOM (V)
-1
3
80
140
20
100
60
5
-4
0
-2
2
4
V± = ±5V
V± = ±3V
V± = ±2.5V
110
30
-5
-3
1
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
(DUAL SUPPLIES)
50
90
VCOM (V)
-1
3
70
100
40
80
60
5
-4
0
-2
2
4
V± = ±5.5V
TA = +125°C
TA = +85°C
TA = +25°C
TA = -55°C
0
04
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
100
300
VCOM (V)
8
200
400
350
50
250
150
210
12
6
V+ = 3V
V+ = 12V
V+ = 5V
V+ = 2.5V
V- = 0V
V+ = 9V
180
02
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
(SINGLE SUPPLY)
100
VCOM (V)
4
60
140
160
120
80
40
15
3
TA = +25°C
TA = -55°C
TA = +85°C
TA = +125°C
V+ = 5V
V- = 0V
-5
-3
1
CHARGE INJECTION vs. VCOM
-5
5
VCOM (V)
-1
3
-4
4
-3
3
-2
2
-1
1
0
5
-4
0
-2
2
4
0.1
OFF-LEAKAGE vs.
TEMPERATURE
1000
TEMPERATURE (
°C)
10
1
100
-50
125
25
-25
0
75
50
100
V± = ±5.5V
0.1
ON-LEAKAGE vs.
TEMPERATURE
1000
10,000
TEMPERATURE (
°C)
10
1
100
-50
125
25
-25
0
75
50
100
V± = ±5.5V
-5
-3
1
TURN-ON/OFF TIMES vs. VCOM
0
250
VCOM (V)
-1
3
50
200
100
150
5
-4
0
-2
2
4
A = tON
A: V+ = 5V, V- = 5V
B: V+ = 5V, V- = 0V
A = tOFF
B = tOFF
B = tON
-50
04
DATA HOLD TIME vs.
POWER-SUPPLY VOLTAGE
-30
10
SUPPLY VOLTAGE (V)
8
-10
30
40
50
20
-40
0
-20
26
__________________________________________Typical Operating Characteristics
(V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX395CWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3950 MAXIM-MAX3950 Datasheet
260Kb / 9P
   3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
MAX3950EGK MAXIM-MAX3950EGK Datasheet
163Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Rev. A October 14, 2003
MAX3950EGK MAXIM-MAX3950EGK Datasheet
260Kb / 9P
   3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
MAX3956 MAXIM-MAX3956 Datasheet
1Mb / 82P
   Transceiver with DDM and DC-Coupled Laser Interface
Rev 3; 9/14
More results

Similar Description - MAX395CWG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX349 MAXIM-MAX349 Datasheet
301Kb / 20P
   Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
logo
Analog Devices
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335 Datasheet
121Kb / 12P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 2; 7/96
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
logo
Analog Devices
ADGS1412 AD-ADGS1412 Datasheet
722Kb / 26P
   Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
logo
Maxim Integrated Produc...
MAX4586 MAXIM-MAX4586 Datasheet
140Kb / 12P
   Serially Controlled, 4-Channel Serially Controlled, 4-Channel
Rev 0; 8/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com