Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX385 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX385
Description  Precision, Low-Voltage Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX385 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX385 Datasheet HTML 4Page - Maxim Integrated Products MAX385 Datasheet HTML 5Page - Maxim Integrated Products MAX385 Datasheet HTML 6Page - Maxim Integrated Products MAX385 Datasheet HTML 7Page - Maxim Integrated Products MAX385 Datasheet HTML 8Page - Maxim Integrated Products MAX385 Datasheet HTML 9Page - Maxim Integrated Products MAX385 Datasheet HTML 10Page - Maxim Integrated Products MAX385 Datasheet HTML 11Page - Maxim Integrated Products MAX385 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Precision, Low-Voltage Analog Switches
______________________________________________________________________________________
11
__Ordering Information (continued)
* Dice are tested at TA = +25°C only.
** Contact factory for package availability.
16 CERDIP**
-55°C to +125°C
MAX383MJE
16 CERDIP**
-40°C to +85°C
MAX383EJE
16 Narrow SO
-40°C to +85°C
MAX383ESE
16 Plastic DIP
-40°C to +85°C
MAX383EPE
Dice*
0°C to +70°C
MAX383C/D
16 Narrow SO
0°C to +70°C
MAX383CSE
16 Plastic DIP
0°C to +70°C
MAX383CPE
PIN-PACKAGE
TEMP. RANGE
PART
MAX385CPE
0°C to +70°C
16 Plastic DIP
MAX385CSE
0°C to +70°C
16 Narrow SO
MAX385C/D
0°C to +70°C
Dice*
MAX385EPE
-40°C to +85°C
16 Plastic DIP
MAX385ESE
-40°C to +85°C
16 Narrow SO
MAX385EJE
-40°C to +85°C
16 CERDIP**
MAX385MJE
-55°C to +125°C
16 CERDIP**
___________________Chip Topography
V-
COM4
(MAX383/MAX385)
0.096"
(2.44mm)
0.067"
(1.7mm)
COM2
NO2
IN2
V+
COM3
(MAX383/MAX385)
COM1
NO1
IN1
NC3
(MAX383)
NO3
(MAX385)
NC4
(MAX383)
NO4
(MAX385)
GND
TRANSISTOR COUNT: 57
SUBSTRATE CONNECTED TO V+


Similar Part No. - MAX385

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3850 MAXIM-MAX3850 Datasheet
901Kb / 14P
   2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
MAX3850D MAXIM-MAX3850D Datasheet
901Kb / 14P
   2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
MAX3850E MAXIM-MAX3850E Datasheet
901Kb / 14P
   2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
MAX3850EGJ MAXIM-MAX3850EGJ Datasheet
901Kb / 14P
   2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
More results

Similar Description - MAX385

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
DG417L VISHAY-DG417L_08 Datasheet
142Kb / 11P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. E, 14-May-07
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 30-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com