Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25070 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ25070
Description  1A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50mA LDO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25070 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ25070_15 Datasheet HTML 2Page - Texas Instruments BQ25070_15 Datasheet HTML 3Page - Texas Instruments BQ25070_15 Datasheet HTML 4Page - Texas Instruments BQ25070_15 Datasheet HTML 5Page - Texas Instruments BQ25070_15 Datasheet HTML 6Page - Texas Instruments BQ25070_15 Datasheet HTML 7Page - Texas Instruments BQ25070_15 Datasheet HTML 8Page - Texas Instruments BQ25070_15 Datasheet HTML 9Page - Texas Instruments BQ25070_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
0:00:00
1:12:00
2:24:00
3:36:00
4:48:00
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Elapsed Time (hh:mm:ss)
VBAT
VCHG
IBAT
G006
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
0
25
50
75
100
125
Temperature (°C)
VIN = 4.5V
IOUT = 1A
G007
3.45
3.46
3.47
3.48
3.49
3.5
3.51
3.52
3.53
3.54
3.55
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Charge Current (A)
G008
10.4
10.42
10.44
10.46
10.48
10.5
10.52
10.54
10.56
10.58
10.6
0
25
50
75
100
125
Temperature (°C)
G009
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
5
6
7
8
9
10
Input Voltage (V)
Thermal
Regulation
G010
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
2.5
2.75
3
3.25
3.5
Battery Voltage (V)
100mA Current Limit
500mA Current Limit
VIN = 5V
G011
bq25070
SLUSA66
– JULY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VIN = 5 V, VBAT = 3.2 V, ICHG = 280 mA, Typical Application Circuit
VOLTAGE and CURRENT
DROPOUT VOLTAGE
vs
vs
ELAPSED TIME
TEMPERATURE
Figure 6. Complete Charge Cycle
Figure 7.
BATTERY REGULATION VOLTAGE
OVP THRESHOLD
vs
vs
CHARGE CURRENT
TEMPERATURE
Figure 8.
Figure 9.
CHARGE CURRENT
INPUT CURRENT LIMIT
vs
vs
INPUT VOLTAGE
BATTERY VOLTAGE
Figure 10.
Figure 11.
6
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - BQ25070_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq25070DQCR TI1-bq25070DQCR Datasheet
830Kb / 21P
[Old version datasheet]   1A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50mA LDO
bq25070DQCT TI1-bq25070DQCT Datasheet
830Kb / 21P
[Old version datasheet]   1A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50mA LDO
More results

Similar Description - BQ25070_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25070 TI1-BQ25070 Datasheet
830Kb / 21P
[Old version datasheet]   1A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50mA LDO
BQ25071 TI-BQ25071_15 Datasheet
1Mb / 26P
[Old version datasheet]   bq25071 1-A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50 mA LDO
logo
Renesas Technology Corp
ISL78693 RENESAS-ISL78693 Datasheet
966Kb / 18P
   Automotive Single-Cell LiFePO4 Battery Charger
logo
Intersil Corporation
ISL78693 INTERSIL-ISL78693 Datasheet
626Kb / 18P
   Automotive Single-Cell LiFePO4 Battery Charger
December 12, 2016
logo
E-CMOS Corporation
EC49018 E-CMOS-EC49018 Datasheet
318Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
EC49022 E-CMOS-EC49022 Datasheet
365Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com