Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25071 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ25071
Description  bq25071 1-A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50 mA LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25071 Datasheet(HTML) 3 Page - Texas Instruments

  BQ25071_15 Datasheet HTML 1Page - Texas Instruments BQ25071_15 Datasheet HTML 2Page - Texas Instruments BQ25071_15 Datasheet HTML 3Page - Texas Instruments BQ25071_15 Datasheet HTML 4Page - Texas Instruments BQ25071_15 Datasheet HTML 5Page - Texas Instruments BQ25071_15 Datasheet HTML 6Page - Texas Instruments BQ25071_15 Datasheet HTML 7Page - Texas Instruments BQ25071_15 Datasheet HTML 8Page - Texas Instruments BQ25071_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
BAT
CHG
OUT
IN
ISET
GND
TS
10 -pin 2mm x 3mm DFN
3
4
5
2
1
8
7
6
9
10
EN
LDO
GND
bq25071
www.ti.com
SLUSBK6 – JULY 2014
6 Device Comparison Table
PART NUMBER
VBAT(OVCH)
VBAT(FLOAT)
V(OVP)
V(LDO)
bq25071DQCR
3.7 V
3.5 V
10.5 V
4.9 V
bq25071DQCT
3.7 V
3.5 V
10.5 V
4.9 V
7 Pin Configuration and Functions
bq25071
(TOP VIEW)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Input power supply. IN is connected to the external DC supply (AC adapter or USB port). Bypass IN to GND
IN
1
I
with at least a 0.1
μF ceramic capacitor.
Input current programming bias pin. Connect a resistor from ISET to GND to program the input current limit
ISET
2
O
when the user programmable mode is selected by grounding the EN pin. The resistor range is between 1 k
Ω
and 10 k
Ω to set the current between 100 mA and 1 A.
GND
3, 9
Ground pin. Connect to the thermal pad and the ground plane of the circuit.
LDO output. LDO is regulated to 4.9V and drives up to 50 mA. Bypass LDO to GND with a 0.1
μF ceramic
LDO
4
O
capacitor. LDO is enabled when V(UVLO) < VIN < V(OVP).
Battery pack NTC monitoring input. Connect a resistor divider from LDO to GND with TS connected to the
center tap to set the charge temperature window. The battery pack NTC is connected in parallel with the
TS
5
I
bottom resistor of the divider. See the Detailed Design Procedure section for details on the selecting the
proper component values.
BAT
6
I
BAT is the sense input for the battery voltage. Connect BAT and OUT to the battery.
Enable input. Drive EN high to disable the IC. Connect EN to GND to place the bq25071 in the user
programmable mode using the ISET input where the input current is programmed. Leave EN floating to place
EN
7
I
the bq25071 in USB500 mode. See the Input Current Limit Control (EN) section for details on using the EN
interface.
Charge status indicator open-drain output. CHG is pulled low while the device is charging the battery. CHG
CHG
8
O
goes high impedance when the battery is fully charged.
System output connection. Bypass the OUT to GND with a 1
μF ceramic capacitor. Connect OUT and BAT
OUT
10
O
together.
There is an internal electrical connection between the exposed thermal pad and the GND pin of the device.
Thermal
The thermal pad must be connected to the same potential as the GND pin on the printed circuit board. Do not
Pad
Pad
use the thermal pad as the primary ground input for the device. GND pin must be connected to ground at all
times.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq25071


Similar Part No. - BQ25071_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25071-Q1 TI1-BQ25071-Q1 Datasheet
495Kb / 22P
[Old version datasheet]   Automotive Qualified
BQ25071QWDQCRQ1 TI1-BQ25071QWDQCRQ1 Datasheet
495Kb / 22P
[Old version datasheet]   Automotive Qualified
BQ25071QWDQCTQ1 TI1-BQ25071QWDQCTQ1 Datasheet
495Kb / 22P
[Old version datasheet]   Automotive Qualified
More results

Similar Description - BQ25071_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25070 TI-BQ25070_15 Datasheet
1Mb / 21P
[Old version datasheet]   1A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50mA LDO
BQ25070 TI1-BQ25070 Datasheet
830Kb / 21P
[Old version datasheet]   1A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50mA LDO
logo
Renesas Technology Corp
ISL78693 RENESAS-ISL78693 Datasheet
966Kb / 18P
   Automotive Single-Cell LiFePO4 Battery Charger
logo
Intersil Corporation
ISL78693 INTERSIL-ISL78693 Datasheet
626Kb / 18P
   Automotive Single-Cell LiFePO4 Battery Charger
December 12, 2016
logo
Texas Instruments
BQ25050 TI1-BQ25050 Datasheet
1Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path
BQ25060 TI-BQ25060_1 Datasheet
1Mb / 24P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
BQ25060 TI-BQ25060 Datasheet
1Mb / 22P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
BQ25050 TI-BQ25050_15 Datasheet
2Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path Control, and Single Input Interface
BQ25170 TI-BQ25170 Datasheet
556Kb / 10P
[Old version datasheet]   BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4
BQ25176J TI-BQ25176J Datasheet
1Mb / 34P
[Old version datasheet]   BQ25176J: 800-mA JEITA-Compliant Linear Battery Charger For 1-Cell Li-Ion and LiFePO4 With VINDPM
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com