Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT14 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVT14
Description  3.3 V hex inverter Schmitt trigger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT14 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVT14_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT14_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74LVT14_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 25 April 2008
2 of 13
NXP Semiconductors
74LVT14
3.3 V hex inverter Schmitt trigger
4.
Functional diagram
5.
Pinning information
5.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna204
1A
1Y
1
2
2A
2Y
3
4
3A
3Y
5
6
4A
4Y
9
8
5A
5Y
11
10
6A
6Y
13
12
8
9
10
11
001aac497
12
13
2
1
4
3
6
5
mna025
A
Y
(1) The die substrate is attached to this pad using a
conductive die attach material. It cannot be used as a
supply pin or input.
Fig 4.
Pin configuration for SO14 and (T)SSOP14
Fig 5.
Pin configuration for DHVQFN14
74LVT14
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aah920
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aah921
74LVT14
GND(1)
Transparent top view
3Y
4A
3A
5Y
2Y
5A
2A
6Y
1Y
6A
6
9
5
10
4
11
3
12
2
13
terminal 1
index area


Similar Part No. - 74LVT14_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT1403 PHILIPS-74LVT1403 Datasheet
70Kb / 10P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
Nexperia B.V. All right...
74LVT1403 NEXPERIA-74LVT1403 Datasheet
199Kb / 11P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
NXP Semiconductors
74LVT1403DR PHILIPS-74LVT1403DR Datasheet
70Kb / 10P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
Nexperia B.V. All right...
74LVT1403DR NEXPERIA-74LVT1403DR Datasheet
199Kb / 11P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
NXP Semiconductors
74LVT14BQ NXP-74LVT14BQ Datasheet
97Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
More results

Similar Description - 74LVT14_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT14 NEXPERIA-74LVT14 Datasheet
235Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74LVT14 NXP-74LVT14 Datasheet
97Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com