Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25892 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ25892
Description  bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25892 Datasheet(HTML) 1 Page - Texas Instruments

  BQ25892_15 Datasheet HTML 1Page - Texas Instruments BQ25892_15 Datasheet HTML 2Page - Texas Instruments BQ25892_15 Datasheet HTML 3Page - Texas Instruments BQ25892_15 Datasheet HTML 4Page - Texas Instruments BQ25892_15 Datasheet HTML 5Page - Texas Instruments BQ25892_15 Datasheet HTML 6Page - Texas Instruments BQ25892_15 Datasheet HTML 7Page - Texas Instruments BQ25892_15 Datasheet HTML 8Page - Texas Instruments BQ25892_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SYS
BAT
bq2589x
Host
Input
3.9V±14V at 3A
USB
OTG
5V at 2.4A
Ichg = 5A
SYS 3.5V±4.5V
I2C Bus
Host Control
VBUS
SW
TS
QON
Optional
REGN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq25890, bq25892
SLUSC86A – MARCH 2015 – REVISED JUNE 2015
bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for
High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
1 Features
High Accuracy
±0.5% Charge Voltage Regulation
1
High Efficiency 5-A, 1.5-MHz Switch Mode Buck
Charge
±5% Charge Current Regulation
93% Charge Efficiency at 2 A and 91% Charge
±7.5% Input Current Regulation
Efficiency at 3 A Charge Current
Safety
Optimize for High Voltage Input (9 V / 12 V)
Battery Temperature Sensing for Charge and
Low Power PFM mode for Light Load
Boost Mode
Operations
Thermal Regulation and Thermal Shutdown
USB On-the-Go (OTG) with Adjustable Output
from 4.5 V to 5.5 V
2 Applications
Selectable 500-KHz / 1.5-MHz Boost
Smart Phone
Converter with up-to 2.4 A Output
Tablet PC
93% Boost Efficiency at 5 V at 1 A Output
Portable Internet Devices
Accurate Hiccup Mode Overcurent Protection
3 Description
Single Input to Support USB Input and Adjustable
High Voltage Adapters
The bq25890, bq25892 are highly-integrated 5-A
switch-mode battery charge management and system
Support 3.9-V to 14-V Input Voltage Range
power path management device for single cell Li-Ion
Input Current Limit (100 mA to 3.25 A with 50-
and Li-polymer battery. The devices support high
mA resolution) to Support USB2.0, USB3.0
input voltage fast charging. The low impedance
standard and High Voltage Adapters
power
path
optimizes
switch-mode
operation
efficiency, reduces battery charging time and extends
Maximum Power Tracking by Input Voltage
battery life during discharging phase. The I2C Serial
Limit up-to 14V for Wide Range of Adapters
interface with charging and system settings makes
Auto Detect USB SDP, CDP, DCP, and Non-
the device a truly flexible solution.
standard Adapters (bq25890)
Input Current Optimizer (ICO) to Maximize Input
Device Information(1)
Power without Overloading Adapters
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Resistance Compensation (IRCOMP) from
bq25890
WQFN (24)
4.00mm x 4.00mm
Charger Output to Cell Terminal
bq25892
Highest Battery Discharge Efficiency with 11-m
Ω
(1) For all available packages, see the orderable addendum at
Battery Discharge MOSFET up to 9 A
the end of the datasheet.
Integrated ADC for System Monitor
Simplified Schematic
(Voltage, Temperature, Charge Current)
Narrow VDC (NVDC) Power Path Management
Instant-on Works with No Battery or Deeply
Discharged Battery
Ideal Diode Operation in Battery Supplement
Mode
BATFET Control to Support Ship Mode, Wake Up,
and Full System Reset
Flexible Autonomous and I2C Mode for Optimal
System Performance
High Integration includes all MOSFETs, Current
Sensing and Loop Compensation
12-µA Low Battery Leakage Current to Support
Ship Mode
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ25892_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25892RTWR TI1-BQ25892RTWR Datasheet
1Mb / 69P
[Old version datasheet]   Adjustable Voltage USB On-the-Go Boost Mode
BQ25892RTWT TI1-BQ25892RTWT Datasheet
1Mb / 69P
[Old version datasheet]   Adjustable Voltage USB On-the-Go Boost Mode
More results

Similar Description - BQ25892_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25890 TI-BQ25890_15 Datasheet
785Kb / 11P
[Old version datasheet]   bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25896 TI-BQ25896_15 Datasheet
767Kb / 11P
[Old version datasheet]   bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25896 TI-BQ25896_15 Datasheet
1Mb / 11P
[Old version datasheet]   bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25895 TI-BQ25895_15 Datasheet
803Kb / 11P
[Old version datasheet]   bq25895 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM for High Input Voltage and Adjustable Voltage 3.1A Boost Operation
BQ25895M TI-BQ25895M_15 Datasheet
786Kb / 12P
[Old version datasheet]   bq25895M I2C Controlled Single Cell Fast Charger with MaxChargeTM Technology for High Input Voltage
BQ25890 TI1-BQ25890_16 Datasheet
1Mb / 69P
[Old version datasheet]   Adjustable Voltage USB On-the-Go Boost Mode
BQ25883 TI1-BQ25883_19 Datasheet
3Mb / 86P
[Old version datasheet]   2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
BQ25883 TI1-BQ25883 Datasheet
2Mb / 79P
[Old version datasheet]   2-Cell, 2-A boost-mode battery charger with power path, USB on-the-go boost (OTG) for USB input
BQ25882 TI1-BQ25882_18 Datasheet
204Kb / 9P
[Old version datasheet]   I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25882 TI1-BQ25882 Datasheet
203Kb / 8P
[Old version datasheet]   I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com