Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX392ESE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX392ESE
Description  Precision, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX392ESE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX392ESE Datasheet HTML 1Page - Maxim Integrated Products MAX392ESE Datasheet HTML 2Page - Maxim Integrated Products MAX392ESE Datasheet HTML 3Page - Maxim Integrated Products MAX392ESE Datasheet HTML 4Page - Maxim Integrated Products MAX392ESE Datasheet HTML 5Page - Maxim Integrated Products MAX392ESE Datasheet HTML 6Page - Maxim Integrated Products MAX392ESE Datasheet HTML 7Page - Maxim Integrated Products MAX392ESE Datasheet HTML 8Page - Maxim Integrated Products MAX392ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Precision, Quad, SPST Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Input Current with Input
Voltage High
IINH
-0.5
0.005
0.5
µA
CONDITIONS
IN = 2.4V, all others = 0.8V
Input Current with Input
Voltage Low
IINL
-0.5
0.005
0.5
µA
IN = 0.8V, all others = 2.4V
Turn-On Time
tON
65
130
ns
Charge Injection
(Note 3)
Q
25
pC
CL = 1.0nF, VGEN = 0V,
RGEN = 0
Ω, Figure 4
TA = +25°C
TA = TMIN to TMAX
175
VCOM = ±3V, Figure 2
TA = +25°C
TA = TMIN to TMAX
100
VCOM = ±3V, Figure 2
Turn-Off Time
tOFF
35
75
ns
MAX393 only, RL = 300
Ω, CL = 35pF, Figure 3
Break-Before-Make
Time Delay (Note 3)
tD
510
ns
TA = +25°C
TA = +25°C
RL = 50
Ω, CL = 5pF,
f = 1MHz, Figure 5
Off Isolation (Note 7)
OIRR
72
dB
TA = +25°C
RL = 50
Ω, CL = 5pF,
f = 1MHz, Figure 6
Crosstalk (Note 8)
85
dB
TA = +25°C
f = 1MHz, Figure 7
NC or NO Capacitance
C(OFF)
9
pF
TA = +25°C
f = 1MHz, Figure 7
COM Off Capacitance
CCOM(OFF)
9
pF
TA = +25°C
f = 1MHz, Figure 8
COM On Capacitance
CCOM(ON)
pF
22
Power-Supply Range
-8.0
+8.0
V
Positive Supply Current
I+
V+ = 5.5V, V- = -5.5V,
VIN = 0V or V+,
All channels on or off
TA = TMIN to TMAX
-1
1
µA
Negative Supply
Current
I-
V+ = 5.5V, V- = -5.5V,
VIN = 0V or V+,
All channels on or off
TA = TMIN to TMAX
-1
1
µA
LOGIC INPUT
SUPPLY
DYNAMIC


Similar Part No. - MAX392ESE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX39 AD-MAX39 Datasheet
6Mb / 29P
   MAX30009EVKIT# Evaluation Kit
319-100859; Rev 1; 07/22
logo
Maxim Integrated Produc...
MAX3901 MAXIM-MAX3901 Datasheet
624Kb / 13P
   150Mbps Automotive Fiber Optic Receivers
Rev 1; 7/04
MAX3905 MAXIM-MAX3905 Datasheet
1Mb / 13P
   150Mbps Automotive VCSEL Driver
Rev 0; 4/04
MAX3905/D MAXIM-MAX3905/D Datasheet
1Mb / 13P
   150Mbps Automotive VCSEL Driver
Rev 0; 4/04
MAX391 MAXIM-MAX391 Datasheet
381Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 3; 8/06
More results

Similar Description - MAX392ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com