Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4003 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4003
Description  100MHz to 2500MHz, 45dB RF Detector in a UCSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4003 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4003 Datasheet HTML 2Page - Maxim Integrated Products MAX4003 Datasheet HTML 3Page - Maxim Integrated Products MAX4003 Datasheet HTML 4Page - Maxim Integrated Products MAX4003 Datasheet HTML 5Page - Maxim Integrated Products MAX4003 Datasheet HTML 6Page - Maxim Integrated Products MAX4003 Datasheet HTML 7Page - Maxim Integrated Products MAX4003 Datasheet HTML 8Page - Maxim Integrated Products MAX4003 Datasheet HTML 9Page - Maxim Integrated Products MAX4003 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
100MHz to 2500MHz, 45dB RF Detector
in a UCSP
6
_______________________________________________________________________________________
OUTPUT NOISE SPECTRAL DENSITY
FREQUENCY (Hz)
1k
10k
100k
1M
10
1
100
10M
9
8
7
6
5
4
3
2
MAXIMUM OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
VCC (V)
5.0
4.5
3.0
3.5
4.0
1.54
1.56
1.58
1.60
1.62
1.64
1.66
1.68
1.52
2.5
5.5
fRF = 900MHz, PRFIN = +5dBm
ILOAD = 0mA, 5mA, 10mA
RFIN INPUT IMPEDANCE
vs. FREQUENCY (UCSP)
MAX4003 toc22
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
500
1000
1500
R
X
2000
2500
0
-400
-300
-200
-100
0
-500
-600
-700
-800
0
2.5
FREQUENCY (GHz) R JX
0.1
1916
-839
0.9
909
-125
1.9
228
-48
2.5
102
-29
SUPPLY CURRENT
vs. SHUTDOWN VOLTAGE
VSHDN (V)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1
2
3
4
5
6
7
-1
0
2.0
POWER-ON RESPONSE TIME
2
µs/div
VOUT
500mV/div
1.5V/div
VSHDN
5
µs
POWER-DOWN RESPONSE TIME
2
µs/div
VOUT
500mV/div
1.5V/div
VSHDN
Typical Operating Characteristics (continued)
(VCC = V SHDN = 3.0V, CCLPF = 0.1µF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
MAX4000 MAXIM-MAX4000 Datasheet
156Kb / 5P
   2.7V to 5.5V Single-Supply Operation
Rev 0; 9/02
MAX4000 MAXIM-MAX4000 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX40000 MAXIM-MAX40000 Datasheet
955Kb / 14P
   1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
More results

Similar Description - MAX4003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9930 MAXIM-MAX9930_09 Datasheet
268Kb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9930 MAXIM-MAX9930 Datasheet
232Kb / 15P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
MAX2205 MAXIM-MAX2205 Datasheet
170Kb / 7P
   RF Power Detectors in UCSP
19-2015; Rev 2; 8/02
MAX2205 MAXIM-MAX2205_06 Datasheet
141Kb / 7P
   RF Power Detectors in UCSP
Rev 6; 9/06
MAX2009 MAXIM-MAX2009 Datasheet
525Kb / 19P
   1200MHz to 2500MHz Adjustable RF Predistorter
Rev 0; 8/03
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com