Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT241 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVT241
Description  3.3 V octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT241 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVT241_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74LVT241_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 7 May 2008
3 of 16
NXP Semiconductors
74LVT241
3.3 V octal buffer/line driver; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as a
supply pin or input.
Fig 3.
Pin configuration for SO20 and (T)SSOP20
Fig 4.
Pin configuration for DHVQFN20
74LVT241
1OE
VCC
1A0
2OE
2Y0
1Y0
1A1
2A0
2Y1
1Y1
1A2
2A1
2Y2
1Y2
1A3
2A2
2Y3
1Y3
GND
2A3
001aah734
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
001aah735
74LVT241
GND(1)
Transparent top view
1Y3
1A3
2Y3
2A2
2Y2
1Y2
1A2
2A1
2Y1
1Y1
1A1
2A0
2Y0
1Y0
1A0
2OE
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
1OE
1
output enable input (active LOW)
1A0 to 1A3
2, 4, 6, 8
data input
2A0 to 2A3
17, 15, 13, 11
data input
GND
10
ground (0 V)
1Y0 to 1Y3
18, 16, 14, 12
data output
2Y0 to 2Y3
3, 5, 7, 9
data output
2OE
19
output enable input (active HIGH)
VCC
20
supply voltage


Similar Part No. - 74LVT241_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT241BQ NXP-74LVT241BQ Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT241BQ NEXPERIA-74LVT241BQ Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74LVT241D PHILIPS-74LVT241D Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVT241D NXP-74LVT241D Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT241D NEXPERIA-74LVT241D Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
More results

Similar Description - 74LVT241_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
74LVT244A-Q100 NEXPERIA-74LVT244A-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
logo
NXP Semiconductors
74LVT241 NXP-74LVT241 Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
74LVT_LVTH244B PHILIPS-74LVT_LVTH244B_15 Datasheet
96Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-3 March 2006
logo
Nexperia B.V. All right...
74LVTH244B NEXPERIA-74LVTH244B Datasheet
235Kb / 12P
   3.3 V octal buffer/line driver; 3-state
Rev. 6 - 12 August 2021
logo
NXP Semiconductors
74LVTH244A NXP-74LVTH244A Datasheet
99Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT241 NEXPERIA-74LVT241 Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
74LVT240 NEXPERIA-74LVT240 Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com