Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4003EBL-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4003EBL-T
Description  100MHz to 2500MHz, 45dB RF Detector in a UCSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4003EBL-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4003EBL-T Datasheet HTML 1Page - Maxim Integrated Products MAX4003EBL-T Datasheet HTML 2Page - Maxim Integrated Products MAX4003EBL-T Datasheet HTML 3Page - Maxim Integrated Products MAX4003EBL-T Datasheet HTML 4Page - Maxim Integrated Products MAX4003EBL-T Datasheet HTML 5Page - Maxim Integrated Products MAX4003EBL-T Datasheet HTML 6Page - Maxim Integrated Products MAX4003EBL-T Datasheet HTML 7Page - Maxim Integrated Products MAX4003EBL-T Datasheet HTML 8Page - Maxim Integrated Products MAX4003EBL-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Typical Operating Characteristics (continued)
(VCC = V SHDN = 3.0V, CCLPF = 0.1µF, TA = +25°C, unless otherwise noted.)
100MHz to 2500MHz, 45dB RF Detector
in a UCSP
_______________________________________________________________________________________
5
LOG SLOPE vs. FREQUENCY (
µMAX)
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
25
26
27
28
29
30
31
24
0
2.5
TA = +25
°C
TA = -40
°C
TA = +85
°C
LOG SLOPE vs. FREQUENCY (UCSP)
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
25
26
27
28
29
30
31
24
0
2.5
TA = +25
°C
TA = +85
°C
TA = -40
°C
LOG SLOPE vs. SUPPLY VOLTAGE (
µMAX)
VCC (V)
5.0
4.5
3.0
3.5
4.0
25
26
27
28
29
30
31
32
24
2.5
5.5
2.5GHz
1.9GHz
0.9GHz
0.1GHz
LOG SLOPE vs. SUPPLY VOLTAGE (UCSP)
5.0
4.5
4.0
3.5
3.0
2.5
5.5
25
26
27
28
29
30
31
32
24
VCC (V)
0.9GHz
2.5GHz
1.9GHz
0.1GHz
LOG INTERCEPT vs. FREQUENCY (
µMAX)
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
-58
-57
-56
-55
-54
-53
-52
-51
-50
-59
0
2.5
TA = +25
°C
TA = -40
°C
TA = +85
°C
-60
-59
-58
-57
-56
-55
-61
LOG INTERCEPT vs. FREQUENCY (UCSP)
2.0
1.5
1.0
0.5
0
2.5
FREQUENCY (GHz)
TA = +85
°C
TA = +25
°C
TA = -40
°C
LOG INTERCEPT
vs. SUPPLY VOLTAGE (
µMAX)
VCC (V)
5.0
4.5
4.0
3.5
3.0
-59
-58
-57
-56
-55
-54
-53
-52
-51
-50
-49
-60
2.5
5.5
2.5GHz
1.9GHz
0.9GHz
0.1GHz
5.0
4.5
4.0
3.5
3.0
2.5
5.5
-60
-59
-58
-57
-56
-55
-61
VCC (V)
LOG INTERCEPT
vs. SUPPLY VOLTAGE (UCSP)
1.9GHz
2.5GHz
0.1GHz
0.9GHz
RFIN INPUT IMPEDANCE
vs. FREQUENCY (
µMAX)
MAX4003 toc21
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
500
1000
1500
R
X
2000
2500
0
-400
-300
-200
-100
0
-500
-600
-700
-800
0
2.5
FREQUENCY (GHz) R JX
0.1
2100 -794
0.9
500
-91
1.9
52
-35
2.5
27 -366


Similar Part No. - MAX4003EBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
MAX4000 MAXIM-MAX4000 Datasheet
156Kb / 5P
   2.7V to 5.5V Single-Supply Operation
Rev 0; 9/02
MAX4000 MAXIM-MAX4000 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX40000 MAXIM-MAX40000 Datasheet
955Kb / 14P
   1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
More results

Similar Description - MAX4003EBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9930 MAXIM-MAX9930_09 Datasheet
268Kb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9930 MAXIM-MAX9930 Datasheet
232Kb / 15P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
MAX2205 MAXIM-MAX2205 Datasheet
170Kb / 7P
   RF Power Detectors in UCSP
19-2015; Rev 2; 8/02
MAX2205 MAXIM-MAX2205_06 Datasheet
141Kb / 7P
   RF Power Detectors in UCSP
Rev 6; 9/06
MAX2009 MAXIM-MAX2009 Datasheet
525Kb / 19P
   1200MHz to 2500MHz Adjustable RF Predistorter
Rev 0; 8/03
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com