Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT16652A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVT16652A
Description  3.3 V 16-bit bus transceiver/register; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16652A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT16652A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
9397 750 14402
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 12 January 2005
6 of 21
Philips Semiconductors
74LVT16652A
3.3 V 16-bit bus transceiver/register; 3-state
1A3
9
data input or output (A-side)
1A4
10
data input or output (A-side)
GND
11
ground (0 V)
1A5
12
data input or output (A-side)
1A6
13
data input or output (A-side)
1A7
14
data input or output (A-side)
2A0
15
data input or output (A-side)
2A1
16
data input or output (A-side)
2A2
17
data input or output (A-side)
GND
18
ground (0 V)
2A3
19
data input or output (A-side)
2A4
20
data input or output (A-side)
2A5
21
data input or output (A-side)
VCC
22
positive supply voltage
2A6
23
data input or output (A-side)
2A7
24
data input or output (A-side)
GND
25
ground (0 V)
2SAB
26
A to B select input
2CPAB
27
A to B clock input
2OEAB
28
A to B output enable input
2OEBA
29
B to A output enable input
2CPBA
30
B to A clock input
2SBA
31
B to A select input
GND
32
ground (0 V)
2B7
33
data input or output (B-side)
2B6
34
data input or output (B-side)
VCC
35
supply voltage
2B5
36
data input or output (B-side)
2B4
37
data input or output (B-side)
2B3
38
data input or output (B-side)
GND
39
ground (0 V)
2B2
40
data input or output (B-side)
2B1
41
data input or output (B-side)
2B0
42
data input or output (B-side)
1B7
43
data input or output (B-side)
1B6
44
data input or output (B-side)
1B5
45
data input or output (B-side)
GND
46
ground (0 V)
1B4
47
data input or output (B-side)
1B3
48
data input or output (B-side)
1B2
49
data input or output (B-side)
Table 3:
Pin description …continued
Symbol
Pin
Description


Similar Part No. - 74LVT16652A_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT16652ADGG NEXPERIA-74LVT16652ADGG Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
74LVT16652ADL NEXPERIA-74LVT16652ADL Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
More results

Similar Description - 74LVT16652A_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
logo
Texas Instruments
SN74LVTH16652-EP TI1-SN74LVTH16652-EP Datasheet
343Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com