Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT162244B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVT162244B
Description  3.3V 16-bit buffer/driver with 30 termination resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT162244B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVT162244B_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 9Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors
Product specification
74LVT162244B
3.3V 16-bit buffer/driver with 30
termination resistors (3-State)
1998 Oct 07
9
NOTES


Similar Part No. - 74LVT162244B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT162244BDGG PHILIPS-74LVT162244BDGG Datasheet
77Kb / 10P
   3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
logo
Nexperia B.V. All right...
74LVT162244BDGG NEXPERIA-74LVT162244BDGG Datasheet
214Kb / 11P
   3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021
logo
NXP Semiconductors
74LVT162244BDL PHILIPS-74LVT162244BDL Datasheet
77Kb / 10P
   3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com