Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4001EBL-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4001EBL-T
Description  2.5GHz 45dB RF-Detecting Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4001EBL-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4001EBL-T Datasheet HTML 6Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 7Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 8Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 9Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 10Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 11Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 12Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 13Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
2.5GHz 45dB RF-Detecting Controllers
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 3V, SHDN = VCC, TA = +25°C, unless otherwise specified.)
MAX4002 INPUT IMPEDANCE
vs. FREQUENCY (
µMAX)
MAX4000 toc63
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
500
1000
1500
R
X
2000
2500
0
-400
-300
-200
-100
0
-500
-600
-700
-800
0
2.5
FREQUENCY (GHz) R JX
0.1
2309
-1137
0.9
943
-120
1.9
129
-36
2.5
30
-26
MAX4001 INPUT IMPEDANCE
vs. FREQUENCY (
µMAX)
MAX4000 toc62
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
500
1000
1500
R
X
2000
2500
0
-400
-300
-200
-100
0
-500
-600
-700
-800
0
2.5
FREQUENCY (GHz) R JX
0.1
2144
-1205
0.9
959
-121
1.9
104
-36
2.5
47
-29
MAX4000 INPUT IMPEDANCE
vs. FREQUENCY (
µMAX)
MAX4000 toc61
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
500
1000
1500
R
X
2000
2500
0
-400
-300
-200
-100
0
-500
-600
-700
-800
0
2.5
FREQUENCY (GHz) R JX
0.1
2100 -794
0.9
500
-91
1.9
52
-35
2.5
27 -366
5.0
4.5
4.0
3.5
3.0
-44
-42
-40
-38
-36
-34
-46
2.5
5.5
VCC (V)
MAX4002
LOG INTERCEPT vs. VCC (UCSP)
1.9GHz
2.5GHz
0.1GHz
0.9GHz
5.0
4.5
4.0
3.5
3.0
2.5
5.5
-50
-48
-46
-44
-42
-40
-52
VCC (V)
MAX4001
LOG INTERCEPT vs. VCC (UCSP)
1.9GHz
2.5GHz
0.1GHz
0.9GHz
5.0
4.5
4.0
3.5
3.0
2.5
5.5
-60
-59
-58
-57
-56
-55
-61
VCC (V)
MAX4000
LOG INTERCEPT vs. VCC (UCSP)
1.9GHz
2.5GHz
0.1GHz
0.9GHz
MAX4002
LOG INTERCEPT vs. VCC (
µMAX)
VCC (V)
5.0
4.5
4.0
3.5
3.0
-45
-43
-41
-39
-37
-35
-33
-47
2.5
5.5
2.5GHz
1.9GHz
0.9GHz
0.1GHz
MAX4001
LOG INTERCEPT vs. VCC (
µMAX)
VCC (V)
5.0
4.5
4.0
3.5
3.0
-48
-46
-44
-42
-40
-38
-36
-50
2.5
5.5
2.5GHz
1.9GHz
0.9GHz
0.1GHz
MAX4000
LOG INTERCEPT vs. VCC (
µMAX)
VCC (V)
5.0
4.5
4.0
3.5
3.0
-59
-58
-57
-56
-55
-54
-53
-52
-51
-50
-49
-60
2.5
5.5
2.5GHz
1.9GHz
0.9GHz
0.1GHz


Similar Part No. - MAX4001EBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4001EBL-T MAXIM-MAX4001EBL-T Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
More results

Similar Description - MAX4001EBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX9930 MAXIM-MAX9930_09 Datasheet
268Kb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9930 MAXIM-MAX9930 Datasheet
232Kb / 15P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com