Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC157A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC157A
Description  Quad 2-input multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC157A Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC157A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC157A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74LVC157A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 25 November 2011
4 of 17
NXP Semiconductors
74LVC157A
Quad 2-input multiplexer
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care
Table 2.
Pin description
Symbol
Pin
Description
S
1
common data select input
1I0
2
data input from source 0
1I1
3
data input from source 1
1Y
4
multiplexer output
2I0
5
data input from source 0
2I1
6
data input from source 1
2Y
7
multiplexer output
GND
8
ground (0 V)
3Y
9
multiplexer output
3I1
10
data input from source 1
3I0
11
data input from source 0
4Y
12
multiplexer output
4I1
13
data input from source 1
4I0
14
data input from source 0
E
15
enable input (active LOW)
VCC
16
supply voltage
Table 3.
Function table[1]
Input
Output
E
S
nI0
nI1
nY
H
XXXL
LLLX
L
LLH
X
H
LH
X
LL
LH
X
H
H


Similar Part No. - 74LVC157A_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC157A-Q100 NEXPERIA-74LVC157A-Q100 Datasheet
720Kb / 17P
   Quad 2-input multiplexer
logo
NXP Semiconductors
74LVC157ABQ PHILIPS-74LVC157ABQ Datasheet
111Kb / 17P
   Quad 2-input multiplexer
2003 Dec 02
logo
Nexperia B.V. All right...
74LVC157ABQ NEXPERIA-74LVC157ABQ Datasheet
254Kb / 15P
   Quad 2-input multiplexer
Rev. 10 - 20 September 2021
74LVC157ABQ-Q100 NEXPERIA-74LVC157ABQ-Q100 Datasheet
720Kb / 17P
   Quad 2-input multiplexer
logo
NXP Semiconductors
74LVC157AD PHILIPS-74LVC157AD Datasheet
111Kb / 17P
   Quad 2-input multiplexer
2003 Dec 02
More results

Similar Description - 74LVC157A_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com