Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130083-0234 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 130083-0234
Description  Woodhead POW-R-MITE Industrial Duty Cable Reel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130083-0234 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  130083-0234 Datasheet HTML 1Page - Molex Electronics Ltd. 130083-0234 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Old Part Number
92443
This document was generated on 04/17/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130083-0234

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130083-0230 MOLEX11-130083-0230 Datasheet
53Kb / 1P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 14/10 SOW, 6.10m (20.0) Cord Length
130083-0231 MOLEX11-130083-0231 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel
130083-0232 MOLEX11-130083-0232 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 12/3 SOW, 15.24m
130083-0233 MOLEX11-130083-0233 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 10/3 SOW, 12.19m
130083-0236 MOLEX11-130083-0236 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 10/4 SOW, 9.14m
More results

Similar Description - 130083-0234

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130083-0225 MOLEX11-130083-0225 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel
130083-0229 MOLEX11-130083-0229 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel
130083-0227 MOLEX11-130083-0227 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel,
130084-0318 MOLEX11-130084-0318 Datasheet
53Kb / 1P
   Woodhead POW-R-MITE Industrial Duty Cable Reel
130083-0231 MOLEX11-130083-0231 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel
130083-0763 MOLEX11-130083-0763 Datasheet
52Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 16/3 SOW, 9.14m
130083-0248 MOLEX11-130083-0248 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 14/8 SOW, 6.10m
1300830223 MOLEX11-1300830223 Datasheet
38Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 16/8 SOW, 11.58m
130083-0238 MOLEX11-130083-0238 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 10/6 SOW, 6.10m
130083-0269 MOLEX11-130083-0269 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Industrial Duty Cable Reel, 12/3 SOW, 7.62m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com