Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4012EUK Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4012EUK
Description  Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4012EUK Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4012EUK Datasheet HTML 3Page - Maxim Integrated Products MAX4012EUK Datasheet HTML 4Page - Maxim Integrated Products MAX4012EUK Datasheet HTML 5Page - Maxim Integrated Products MAX4012EUK Datasheet HTML 6Page - Maxim Integrated Products MAX4012EUK Datasheet HTML 7Page - Maxim Integrated Products MAX4012EUK Datasheet HTML 8Page - Maxim Integrated Products MAX4012EUK Datasheet HTML 9Page - Maxim Integrated Products MAX4012EUK Datasheet HTML 10Page - Maxim Integrated Products MAX4012EUK Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Low-Cost, High-Speed, SOT23, Single-Supply
Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
7
IN
(50mV/
div)
OUT
(25mV/
div)
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +1)
MAX4012-19
TIME (20ns/div)
VCM = +2.5V, RL = 100Ω to GROUND
IN
(25mV/
div)
OUT
(25mV/
div)
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +2)
MAX4012-20
TIME (20ns/div)
VCM = +1.25V, RL = 100Ω to GROUND
IN
(50mV/
div)
OUT
(25mV/
div)
SMALL-SIGNAL PULSE RESPONSE
(CL = 5pF, AVCL = +1)
MAX4012-21
TIME (20ns/div)
VCM = +1.75V, RL = 100Ω to GROUND
IN
(1V/div)
OUT
(1V/div)
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +1)
MAX4012-22
TIME (20ns/div)
VCM = +1.75V, RL = 100Ω to GROUND
100
10
1
1
10
1k
10M
1M
VOLTAGE-NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
100
10k 100k
IN
(500mV/
div)
OUT
(500mV/
div)
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +2)
MAX4012-23
TIME (20ns/div)
VCM = 0.9V, RL = 100Ω to GROUND
IN
(1V/
div)
OUT
(500mV/
div)
LARGE-SIGNAL PULSE RESPONSE
(CL = 5pF, AVCL = +2)
MAX4012-24
TIME (20ns/div)
VCM = +1.75V, RL = 100Ω to GROUND
10
1
1
10
1k
10M
1M
CURRENT-NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
100
10k 100k
EN_
5.0V
(ENABLE)
0V
(DISABLE)
1V
0V
OUT
ENABLE RESPONSE TIME
MAX4012-27
TIME (1
µs/div)
VIN = +1.0V
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, AVCL = +1, RF = 24Ω, RL = 100Ω to VCC / 2, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4012EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40108 MAXIM-MAX40108 Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT MAXIM-MAX40108EVKIT Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT# MAXIM-MAX40108EVKIT# Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
logo
Analog Devices
MAX40109 AD-MAX40109 Datasheet
1Mb / 59P
   Precision Signal Conditioning AFE for Pressure Sensor Applications
Rev 0; 12/23
MAX40109IATP++ AD-MAX40109IATP+ Datasheet
1Mb / 59P
   Precision Signal Conditioning AFE for Pressure Sensor Applications
Rev 0; 12/23
More results

Similar Description - MAX4012EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
logo
Analog Devices
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1 AD-ADA4851-1 Datasheet
399Kb / 20P
   Low Cost, High Speed, Rail-to-Rail Output Op Amps
REV. C
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-4 AD-ADA4851-4_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com