Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4014 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4014
Description  Low-Cost, High-Speed, Single-Supply, Gain of 2 Buffers with Rail-to-Rail Outputs in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4014 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4014 Datasheet HTML 4Page - Maxim Integrated Products MAX4014 Datasheet HTML 5Page - Maxim Integrated Products MAX4014 Datasheet HTML 6Page - Maxim Integrated Products MAX4014 Datasheet HTML 7Page - Maxim Integrated Products MAX4014 Datasheet HTML 8Page - Maxim Integrated Products MAX4014 Datasheet HTML 9Page - Maxim Integrated Products MAX4014 Datasheet HTML 10Page - Maxim Integrated Products MAX4014 Datasheet HTML 11Page - Maxim Integrated Products MAX4014 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Low-Cost, High-Speed, Single-Supply, Gain of +2
Buffers with Rail-to-Rail Outputs in SOT23
10
______________________________________________________________________________________
Disabled Output Resistance
The MAX4014/MAX4017/MAX4019/MAX4022 include
internal protection circuitry that prevents damage to the
precision input stage from large differential input volt-
ages, as shown in Figure 5. This protection circuitry con-
sists of five back-to-back Schottky diodes between IN_+
and IN_-. These diodes lower the disabled output resis-
tance from 1k
Ω to 500Ω when the output voltage is 3V
greater or less than the voltage at IN_+. Under these
conditions, the input protection diodes will be forward
biased, lowering the disabled output resistance to 500
Ω.
Output Capacitive Loading and Stability
The MAX4014/MAX4017/MAX4019/MAX4022 provide
maximum AC performance with no load capacitance.
This is the case when the load is a properly terminated
transmission line. However, they are designed to drive
up 25pF of load capacitance without oscillating, but
with reduced AC performance.
Driving large capacitive loads increases the chance of
oscillations occurring in most amplifier circuits. This is
especially true for circuits with high loop gains, such as
voltage followers. The buffer’s output resistance and
the load capacitor combine to add a pole and excess
phase to the loop response. If the frequency of this
pole is low enough to interfere with the loop response
and degrade phase margin sufficiently, oscillations can
occur.
A second problem when driving capacitive loads
results from the amplifier’s output impedance, which
looks inductive at high frequencies. This inductance
forms an L-C resonant circuit with the capacitive load,
which causes peaking in the frequency response and
degrades the amplifier’s gain margin.
Figure 6 shows the frequency response of the MAX4014/
MAX4017/MAX4019/MAX4022 under different capacitive
loads. To drive loads with greater than 25pF of capaci-
tance or to settle out some of the peaking, the output
requires an isolation resistor like the one shown in
MAX4014
MAX4017
MAX4019
MAX4022
500
500
OUT
IN-
IN+
Figure 5. Input Protection Circuit
6
-4
100k
10M
100M
1M
1G
-2
FREQUENCY (Hz)
0
2
4
5
-3
-1
1
3
CL = 10pF
CL = 15pF
CL = 5pF
Figure 6. Small-Signal Gain vs. Frequency with Load
Capacitance and No Isolation Resistor
500
500
RISO
CL
VOUT
VIN
RTIN
50
MAX40_ _
Figure 7. Driving a Capacitive Load through an Isolation Resistor


Similar Part No. - MAX4014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40108 MAXIM-MAX40108 Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT MAXIM-MAX40108EVKIT Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT# MAXIM-MAX40108EVKIT# Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
logo
Analog Devices
MAX40109 AD-MAX40109 Datasheet
1Mb / 59P
   Precision Signal Conditioning AFE for Pressure Sensor Applications
Rev 0; 12/23
MAX40109IATP++ AD-MAX40109IATP+ Datasheet
1Mb / 59P
   Precision Signal Conditioning AFE for Pressure Sensor Applications
Rev 0; 12/23
More results

Similar Description - MAX4014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4214 MAXIM-MAX4214 Datasheet
215Kb / 16P
   High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Rev 0; 12/97
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
logo
Analog Devices
AD623 AD-AD623 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD623 AD-AD623_15 Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623AN AD-AD623AN Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com