Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB3006PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFB3006PBF
Description  Hard Switched and High Frequency Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB3006PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFB3006PBF_15 Datasheet HTML 1Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 2Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 3Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 4Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 5Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 6Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 7Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 8Page - International Rectifier IRFB3006PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 23, 2014
IRFB3006PbF
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 12. Maximum Avalanche Energy Vs. DrainCurrent
0.0
0.4
0.8
1.2
1.6
2.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
50
100
150
200
250
300
LIMITED BY PACKAGE
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
55
60
65
70
75
80
ID = 5mA
0
10
20
30
40
50
60
VDS, Drain-to-Source Voltage (V)
0.0
0.5
1.0
1.5
2.0
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
200
400
600
800
1000
1200
1400
I D
TOP
20A
27A
BOTTOM
170A
0.1
1
10
100
VDS, Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100μsec
DC
LIMITED BY PACKAGE


Similar Part No. - IRFB3006PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
   HEXFETPower MOSFET
More results

Similar Description - IRFB3006PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF Datasheet
249Kb / 8P
   Hard Switched and High Frequency Circuits
logo
Shenzhen Huazhimei Semi...
HM30N02D HMSEMI-HM30N02D Datasheet
867Kb / 6P
   Hard switched and high frequency circuits
HM45N02D HMSEMI-HM45N02D Datasheet
1Mb / 6P
   Hard switched and high frequency circuits
HM85N02 HMSEMI-HM85N02 Datasheet
841Kb / 6P
   Hard switched and high frequency circuits
logo
Analog Devices
AN-345 AD-AN-345 Datasheet
461Kb / 4P
   GROUNDING FOR LOW-AND HIGH-FREQUENCY CIRCUITS
logo
Power System Technology
FAB1204020 PST-FAB1204020 Datasheet
534Kb / 4P
   Industrial and hard environment
FAB0910001 PST-FAB0910001 Datasheet
649Kb / 3P
   Avionic and hard environment
FAB0706006 PST-FAB0706006 Datasheet
782Kb / 4P
   Industrial and hard environment
FAB0801004 PST-FAB0801004 Datasheet
279Kb / 3P
   Avionic and hard environment
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com