Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX393CPE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX393CPE
Description  Precision, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX393CPE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX393CPE Datasheet HTML 1Page - Maxim Integrated Products MAX393CPE Datasheet HTML 2Page - Maxim Integrated Products MAX393CPE Datasheet HTML 3Page - Maxim Integrated Products MAX393CPE Datasheet HTML 4Page - Maxim Integrated Products MAX393CPE Datasheet HTML 5Page - Maxim Integrated Products MAX393CPE Datasheet HTML 6Page - Maxim Integrated Products MAX393CPE Datasheet HTML 7Page - Maxim Integrated Products MAX393CPE Datasheet HTML 8Page - Maxim Integrated Products MAX393CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Precision, Quad, SPST Analog Switches
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single +3.3V Supply
(V+ = +3.0V to +3.6V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Note 2:
The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3:
Guaranteed by design.
Note 4:
∆RON = ∆RON max - ∆RON min.
Note 5:
Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 6:
Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25°C.
Note 7:
Off Isolation = 20log10 [ VCOM ⁄ (VNC or VNO) ], VCOM = output, VNC or VNO = input to off switch.
Note 8:
Between any two switches.
Note 9:
Leakage testing at single supply is guaranteed by testing with dual singles.
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Analog Signal Range
VCOM,
VNO,
VNC
0V+
V
CONDITIONS
(Note 3)
Channel On-Resistance
RON
83
175
V+ = 3V,
ICOM = -1.0mA,
VNO or VNC = 1.5V
Turn-On Time (Note 3)
tON
160
400
ns
VNO or VNC = 1.5V
Break-Before-Make Time
Delay (Note 3)
tD
20
ns
MAX393 only,
RL = 300
Ω, CL = 35pF
Turn-Off Time (Note 3)
tOFF
40
125
ns
VNO or VNC = 1.5V
Negative Supply Current
I-
-1
1
µA
Positive Supply Current
I+
-1
1
µA
Charge Injection (Note 3)
Q
15
pC
CL = 1.0nF,
VGEN = 0V, RGEN = 0V
V+ = 3.6V, VIN = 0V or V+, all channels on or off
V+ = 3.6V, VIN = 0V or V+, all channels on or off
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
275
500
175
ANALOG SWITCH
DYNAMIC
SUPPLY


Similar Part No. - MAX393CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930D MAXIM-MAX3930D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930E MAXIM-MAX3930E Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3931D MAXIM-MAX3931D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3931E MAXIM-MAX3931E Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
More results

Similar Description - MAX393CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com