Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4002 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4002
Description  2.5GHz 45dB RF-Detecting Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4002 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4002 Datasheet HTML 5Page - Maxim Integrated Products MAX4002 Datasheet HTML 6Page - Maxim Integrated Products MAX4002 Datasheet HTML 7Page - Maxim Integrated Products MAX4002 Datasheet HTML 8Page - Maxim Integrated Products MAX4002 Datasheet HTML 9Page - Maxim Integrated Products MAX4002 Datasheet HTML 10Page - Maxim Integrated Products MAX4002 Datasheet HTML 11Page - Maxim Integrated Products MAX4002 Datasheet HTML 12Page - Maxim Integrated Products MAX4002 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
2.5GHz 45dB RF-Detecting Controllers
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(VCC = 3V, SHDN = VCC, TA = +25°C, unless otherwise specified.)
2.0
1.5
1.0
0.5
0
2.5
-44
-42
-40
-38
-36
-34
-32
-46
MAX4002
LOG INTERCEPT vs. FREQUENCY (UCSP)
FREQUENCY (GHz)
TA = +85
°C
TA = +25
°C
TA = -40
°C
-50
-48
-46
-44
-42
-40
-52
2.0
1.5
1.0
0.5
0
2.5
FREQUENCY (GHz)
MAX4001
LOG INTERCEPT vs. FREQUENCY (UCSP)
TA = +85
°C
TA = +25
°C
TA = -40
°C
-60
-59
-58
-57
-56
-55
-61
MAX4000
LOG INTERCEPT vs. FREQUENCY (UCSP)
2.0
1.5
1.0
0.5
0
2.5
FREQUENCY (GHz)
TA = +85
°C
TA = +25
°C
TA = -40
°C
MAX4002
LOG INTERCEPT vs. FREQUENCY (
µMAX)
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
-44
-42
-40
-38
-36
-34
-32
-46
0
2.5
TA = +25
°C
TA = -40
°C
TA = +85
°C
MAX4001
LOG INTERCEPT vs. FREQUENCY (
µMAX)
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
-48
-47
-46
-45
-44
-43
-42
-41
-40
-39
-49
0
2.5
TA = +25
°C
TA = -40
°C
TA = +85
°C
MAX4000
LOG INTERCEPT vs. FREQUENCY (
µMAX)
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
-58
-57
-56
-55
-54
-53
-52
-51
-50
-59
0
2.5
TA = +25
°C
TA = -40
°C
TA = +85
°C
5.0
4.5
4.0
3.5
3.0
2.5
5.5
25
27
29
31
33
23
MAX4002
LOG SLOPE vs. VCC (UCSP)
VCC (V)
0.9GHz
2.5GHz
1.9GHz
0.1GHz
25
27
29
31
33
23
5.0
4.5
4.0
3.5
3.0
2.5
5.5
MAX4001
LOG SLOPE vs. VCC (UCSP)
VCC (V)
0.9GHz
2.5GHz
1.9GHz
0.1GHz
MAX4000
LOG SLOPE vs. VCC (UCSP)
5.0
4.5
4.0
3.5
3.0
2.5
5.5
25
26
27
28
29
30
31
32
24
VCC (V)
0.9GHz
2.5GHz
1.9GHz
0.1GHz


Similar Part No. - MAX4002

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4002 MAXIM-MAX4002 Datasheet
156Kb / 5P
   2.7V to 5.5V Single-Supply Operation
Rev 0; 9/02
MAX4002 MAXIM-MAX4002 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX40023EVKIT MAXIM-MAX40023EVKIT Datasheet
753Kb / 7P
   Evaluates: MAX40023
2021
MAX40023EVKIT# MAXIM-MAX40023EVKIT# Datasheet
753Kb / 7P
   Evaluates: MAX40023
2021
MAX40024EVKIT MAXIM-MAX40024EVKIT Datasheet
620Kb / 9P
   Evaluates: MAX40024
2021
More results

Similar Description - MAX4002

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX9930 MAXIM-MAX9930_09 Datasheet
268Kb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9930 MAXIM-MAX9930 Datasheet
232Kb / 15P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com