Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX399CSE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX399CSE
Description  Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX399CSE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX399CSE Datasheet HTML 1Page - Maxim Integrated Products MAX399CSE Datasheet HTML 2Page - Maxim Integrated Products MAX399CSE Datasheet HTML 3Page - Maxim Integrated Products MAX399CSE Datasheet HTML 4Page - Maxim Integrated Products MAX399CSE Datasheet HTML 5Page - Maxim Integrated Products MAX399CSE Datasheet HTML 6Page - Maxim Integrated Products MAX399CSE Datasheet HTML 7Page - Maxim Integrated Products MAX399CSE Datasheet HTML 8Page - Maxim Integrated Products MAX399CSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
VEN = VA = 0V/V+,
V+ = 5.5V, V- = -5.5V
Precision, 8-Channel/Dual 4-Channel,
Low-Voltage, CMOS Analog Multiplexers
_______________________________________________________________________________________
3
f = 1MHz,
VEN = VD = 0V
f = 1MHz,
VEN = VD = 0V
CONDITIONS
34
CCOM(ON)
COM-On Capacitance
pF
54
20
CCOM(OFF)
COM-Off Capacitance
pF
40
pF
11
CNO(OFF)
NO-Off Capacitance
pF
8
CIN
Logic Input Capacitance
dB
-92
VCT
Crosstalk Between Channels
dB
-75
Off Isolation (Note 7)
pC
25
Q
Charge Injection (Note 3)
ns
250
tON(EN)
Enable Turn-On Time
60
150
V
2.4
VAH, VENH
Logic High Input Voltage
ns
040
tOPEN
Break-Before-Make Interval
ns
150
tTRANS
Transition Time
-1
1
IGND
Ground Current
V
±3
±8
Power-Supply Range
µA
-1
1
I+
Positive Supply Current
µA
-1
1
I-
Negative Supply Current
µA
-1
1
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
MAX399
MAX398
MAX399
MAX398
f = 1MHz, VEN = VD = 0V
f = 1MHz
VEN = 2.4V, f = 100kHz,
VGEN = 1Vp-p, RL = 1kΩ
Figure 2
Figure1
VEN = 0V, RL = 1kΩ, f = 100kHz
CL = 10nF, VS = 0V, RS = 0Ω
VEN = VA = 0V/V+,
V+ = 5.5V, V- = -5.5V
Figure 3
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VAH = VENH = +2.4V, VAL = VENL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
V
0.8
VAL, VENL
Logic Low Input Voltage
TA = TMIN to TMAX
TA = TMIN to TMAX
µA
VA = VEN = 0.8V
VA = VEN = 2.4V
µA
-0.1
0.1
IAH, IENH
Input Current with
Input Voltage High
-0.1
0.1
IAL, IENL
Input Current with
Input Voltage Low
VEN = VA = 0V/V+,
V+ = 5.5V, V- = -5.5V
ns
200
tOFF(EN)
Enable Turn-Off Time
40
150
Figure 3
TA = TMIN to TMAX
TA = +25°C
DIGITAL LOGIC INPUT
SUPPLY
DYNAMIC


Similar Part No. - MAX399CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3991 MAXIM-MAX3991 Datasheet
261Kb / 12P
   10Gbps Clock and Data Recovery with Limiting Amplifier
Rev 0; 11/04
MAX3992 MAXIM-MAX3992 Datasheet
271Kb / 12P
   10Gbps Clock and Data Recovery with Equalizer
19-3496; Rev 2; 11/06
MAX3992UTG MAXIM-MAX3992UTG Datasheet
271Kb / 12P
   10Gbps Clock and Data Recovery with Equalizer
19-3496; Rev 2; 11/06
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 11 MAX3992UTG+* ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com