Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4025EUP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4025EUP
Description  Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4025EUP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4025EUP Datasheet HTML 7Page - Maxim Integrated Products MAX4025EUP Datasheet HTML 8Page - Maxim Integrated Products MAX4025EUP Datasheet HTML 9Page - Maxim Integrated Products MAX4025EUP Datasheet HTML 10Page - Maxim Integrated Products MAX4025EUP Datasheet HTML 11Page - Maxim Integrated Products MAX4025EUP Datasheet HTML 12Page - Maxim Integrated Products MAX4025EUP Datasheet HTML 13Page - Maxim Integrated Products MAX4025EUP Datasheet HTML 14Page - Maxim Integrated Products MAX4025EUP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Triple and Quad, 2:1 Video Multiplexer-
Amplifiers with Fixed and Settable Gain
______________________________________________________________________________________
11
MAX4023/MAX4025
SMALL-SIGNAL BANDWIDTH vs. FREQUENCY
FREQUENCY (MHz)
100
10
1
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.1
1000
MAX4023/MAX4025
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (MHz)
100
10
1
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0.1
1000
MAX4023/MAX4025
LARGE-SIGNAL BANDWIDTH
vs. FREQUENCY
FREQUENCY (MHz)
100
10
1
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.1
1000
MAX4023/MAX4025
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (MHz)
100
10
1
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0.1
1000
MAX4024/MAX4026
SMALL-SIGNAL BANDWIDTH vs. FREQUENCY
FREQUENCY (MHz)
100
10
1
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.1
1000
MAX4024/MAX4026
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (MHz)
100
10
1
-0.5
-0.6
-0.4
-0.3
0.1
0
-0.1
-0.2
0.2
0.3
0.4
0.5
0.6
0.7
-0.7
0.1
1000
MAX4024/MAX4026
LARGE-SIGNAL BANDWIDTH vs. FREQUENCY
FREQUENCY (MHz)
100
10
1
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.1
1000
MAX4024/MAX4026
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (MHz)
100
10
1
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.5
0.1
1000
Typical Operating Characteristics—+5V Single Supply
(VCC = +5V, VEE = 0V, VCM = 0.5V, VREF = VCM, EN = +5V, RIN = 75
Ω to VCM, RL = 150Ω to GND, AVCL = +1V/V
(MAX4023/MAX4025), AVCL = +2V/V (MAX4024/MAX4026), TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4025EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4025EUP MAXIM-MAX4025EUP Datasheet
410Kb / 23P
   Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 1; 11/09
More results

Similar Description - MAX4025EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4023 MAXIM-MAX4023_09 Datasheet
410Kb / 23P
   Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 1; 11/09
MAX4028 MAXIM-MAX4028 Datasheet
317Kb / 13P
   Triple/Quad, 2:1 Video Multiplexer-Amplifiers with Input Clamps
Rev 0; 3/04
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
   Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com