Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFE310 Datasheet(PDF) 7 Page - International Rectifier

Part # IRFE310
Description  Simple Drive Requirements
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFE310 Datasheet(HTML) 7 Page - International Rectifier

  IRFE310_15 Datasheet HTML 1Page - International Rectifier IRFE310_15 Datasheet HTML 2Page - International Rectifier IRFE310_15 Datasheet HTML 3Page - International Rectifier IRFE310_15 Datasheet HTML 4Page - International Rectifier IRFE310_15 Datasheet HTML 5Page - International Rectifier IRFE310_15 Datasheet HTML 6Page - International Rectifier IRFE310_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
IRFE310, JANTX2N6786U
Footnotes:
 ISD ≤ 1.25A, di/dt ≤ 180A/µs,
VDD ≤ 400V, TJ ≤150°C, Suggested RG =7.5 Ω
À Repetitive Rating; Pulse width limited by
maximum junction temperature.
Á VDD = 50V, starting TJ = 25°C,
Peak IL = 1.25A,
à Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
Case Outline and Dimensions — LCC-18
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd. El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 05/2015


Similar Part No. - IRFE310_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE310 IRF-IRFE310 Datasheet
146Kb / 7P
   HEXFET TRANSISTOR
More results

Similar Description - IRFE310_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com