Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4C113 Datasheet(PDF) 2 Page - Solid State Optronic

Part # AD4C113
Description  Low Input Control Current (1.5mA TYP)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C113 Datasheet(HTML) 2 Page - Solid State Optronic

  AD4C113_15 Datasheet HTML 1Page - Solid State Optronic AD4C113_15 Datasheet HTML 2Page - Solid State Optronic AD4C113_15 Datasheet HTML 3Page - Solid State Optronic AD4C113_15 Datasheet HTML 4Page - Solid State Optronic AD4C113_15 Datasheet HTML 5Page - Solid State Optronic AD4C113_15 Datasheet HTML 6Page - Solid State Optronic AD4C113_15 Datasheet HTML 7Page - Solid State Optronic AD4C113_15 Datasheet HTML 8Page - Solid State Optronic AD4C113_15 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 9
AD4C113/H/S/TR
Rev 2.00 (11/19/2012)
001536
AD4C113
1 Form A / 1 Form B
400V / 35 Ω
MOSFET Output Solid State Relay
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.2
1.5
V
IF = 10mA
LED Reverse Voltage
BVR
6
-
-
V
IR = 10μA
Turn-On Current (Form A – Normally Open)
IF(NO)
-
1.5
5
mA
IO = 120mA
Turn-On Current (Form B – Normally Closed)
IF(NC)
-
0.5
-
mA
IO = 120mA
Turn-Off Current (Form A – Normally Open)
IFOFF(NO)
-
0.5
-
mA
IO = 120mA
Turn-Off Current (Form B – Normally Open)
IFOFF(NC)
-
1.5
5
mA
IO = 120mA
Output Specifications – Form A (Normally Open)
Blocking Voltage
VB
400
-
-
V
IO=1A
Continuous Load Current
IO
-
-
120
mA
IF=5mA
On Resistance
RON
-
19.5
35
IF=5mA, IO=120mA
Leakage Current
IOleak
-
0.2
1
A
IF=0mA, VO=400V
Output Capacitance
COUT
-
10
-
pF
VO=25V, f=1.0MHz
Offset Voltage
VOFFSET
-
-
0.2
mV
IF=5mA
Turn-On Time
TON
-
1
5
mS
IF=5mA, IO=120mA
Turn-Off Time
TOFF
-
0.05
5
mS
IF=0mA, IO=120mA
Output Specifications – Form B (Normally Closed)
Blocking Voltage
VB
400
-
-
V
IF=5mA, IO=1A
Continuous Load Current
IO
-
-
120
mA
IF=0mA
On Resistance
RON
-
19.5
35
IF=0mA, IO=120mA
Leakage Current
IOleak
-
0.2
1
A
IF=5mA, VO=400V
Output Capacitance
COUT
-
10
-
pF
VO=25V, f=1.0MHz, IF=5mA
Offset Voltage
VOFFSET
-
-
0.2
mV
IF=0mA
Turn-On Time
TON
-
0.1
5
mS
IF=0mA, IO=120mA
Turn-Off Time
TOFF
-
1
5
mS
IF=5mA, IO=120mA
Coupled Specifications
Coupled Capacitance
CCOUPLED
-
3
-
pF
Contact Transient Ratio
-
2,000
7,000
0
V/
S
dV = 50V
Isolation Specifications
Isolation Voltage
VISO
2,500
-
-
VRMS
RH ≤ 50%, t=1min
-H Option
VISO
3,750
-
-
VRMS
RH ≤ 50%, t=1min
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Electrical Characteristics, TA = 25°C (unless otherwise specified)


Similar Part No. - AD4C113_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
   1 Form A/1 Form B Solid State Relay
More results

Similar Description - AD4C113_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
   Low Input Control Current (1.5mA TYP)
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
   Low Input Control Current (1mA TYP)
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
   Low Input Control Current (2.5mA TYP)
AD4C312 SSOUSA-AD4C312 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C311 SSOUSA-AD6C311_15 Datasheet
339Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD2C211-L SSOUSA-AD2C211-L Datasheet
325Kb / 8P
   Low Input Control Current (3mA TYP)
AD6C111 SSOUSA-AD6C111_15 Datasheet
339Kb / 8P
   Low Input Control Current (1.75mA TYP)
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
   Low input biasing current: 25nA(Typ.)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com