Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4018 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4018
Description  Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4018 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4018 Datasheet HTML 5Page - Maxim Integrated Products MAX4018 Datasheet HTML 6Page - Maxim Integrated Products MAX4018 Datasheet HTML 7Page - Maxim Integrated Products MAX4018 Datasheet HTML 8Page - Maxim Integrated Products MAX4018 Datasheet HTML 9Page - Maxim Integrated Products MAX4018 Datasheet HTML 10Page - Maxim Integrated Products MAX4018 Datasheet HTML 11Page - Maxim Integrated Products MAX4018 Datasheet HTML 12Page - Maxim Integrated Products MAX4018 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PIN
Low-Cost, High-Speed, SOT23, Single-Supply
Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
9
______________________________________________________________Pin Description
Amplifier A Noninverting Input
Amplifier B Output
Amplifier B Inverting Input
Amplifier B Noninverting Input
Amplifier C Output
Inverting Input
4
Positive Power Supply
5
Amplifier A Output
Amplifier A Inverting Input
Noninverting Input
3
Negative Power Supply or Ground (in
single-supply operation)
2
Amplifier Output
1
No Connect. Not internally connected.
Tie to ground or leave open.
FUNCTION
3
7
6
5
8
4
1
2
11
3
7
6
5
8
1
2
4
5
10
11
12
16
4
7
6
13
8, 9
5
8
9
10
14
4
7
6
11
3
7
6
5
10
4
1
2
13
8, 9
INA+
OUTB
INB-
INB+
OUTC
IN-
VCC
OUTA
INA-
IN+
VEE
OUT
N.C.
NAME
Amplifier C Inverting Input
9
15
13
11
INC-
Amplifier C Noninverting Input
10
14
12
12
INC+
Amplifier D Output
14
16
OUTD
Amplifier D Inverting Input
13
15
IND-
Amplifier D Noninverting Input
12
14
IND+
Enable Amplifier
EN
Enable Amplifier A
1
1
ENA
Enable Amplifier B
3
3
ENB
Enable Amplifier C
2
2
ENC
MAX4012
SOT23-5
MAX4020
MAX4016
SO/µMAX
MAX4018
SO
QSOP
SO
QSOP
PIN


Similar Part No. - MAX4018

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40108 MAXIM-MAX40108 Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT MAXIM-MAX40108EVKIT Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT# MAXIM-MAX40108EVKIT# Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
logo
Analog Devices
MAX40109 AD-MAX40109 Datasheet
1Mb / 59P
   Precision Signal Conditioning AFE for Pressure Sensor Applications
Rev 0; 12/23
MAX40109IATP++ AD-MAX40109IATP+ Datasheet
1Mb / 59P
   Precision Signal Conditioning AFE for Pressure Sensor Applications
Rev 0; 12/23
More results

Similar Description - MAX4018

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
logo
Analog Devices
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1 AD-ADA4851-1 Datasheet
399Kb / 20P
   Low Cost, High Speed, Rail-to-Rail Output Op Amps
REV. C
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-4 AD-ADA4851-4_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com