Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4074__EUK- Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4074__EUK-
Description  Micropower, SOT23, Rail-to-Rail, Fixed-Gain, GainAmp/Open-Loop Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4074__EUK- Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4074__EUK- Datasheet HTML 7Page - Maxim Integrated Products MAX4074__EUK- Datasheet HTML 8Page - Maxim Integrated Products MAX4074__EUK- Datasheet HTML 9Page - Maxim Integrated Products MAX4074__EUK- Datasheet HTML 10Page - Maxim Integrated Products MAX4074__EUK- Datasheet HTML 11Page - Maxim Integrated Products MAX4074__EUK- Datasheet HTML 12Page - Maxim Integrated Products MAX4074__EUK- Datasheet HTML 13Page - Maxim Integrated Products MAX4074__EUK- Datasheet HTML 14Page - Maxim Integrated Products MAX4074__EUK- Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Micropower, SOT23, Rail-to-Rail,
Fixed-Gain, GainAmp/Open-Loop Op Amps
______________________________________________________________________________________
11
GainAmp Bandwidth
GainAmp fixed-gain amplifiers feature factory-trimmed
precision resistors to provide fixed inverting gains from
-0.25V/V to -100V/V or noninverting gains from +1.25V/V
to +101V/V. The op amp core is decompensated strate-
gically over the gain-set options to maximize band-
width. Open-loop decompensation increases GBW
product, ensuring that usable bandwidth is maintained
with increasing closed-loop gains. A GainAmp with a
fixed gain of AV = +25V/V has a -3dB bandwidth of
120kHz. By comparison, a unity-gain-stable op amp con-
figured for AV = +25V/V would yield a -3dB bandwidth
of only 8kHz. Decompensation is performed at five inter-
mediate gain sets, as shown in the Gain Selector
Guide.
High-Voltage (±17V)
Input Fault Protection
The MAX4074/MAX4075 family includes ±17V input
fault protection. For normal operation, see the input
voltage range specification in the Electrical Character-
istics. Overdriven inputs up to ±17V will not cause out-
put phase reversal. A back-to-back SCR structure at
the input pins allows either input to safely swing ±17V
relative to VEE (Figure 2). Additionally, the internal op
amp inputs are diode clamped to both supply rails for
the protection of sensitive input stage circuitry. Current
through the clamp diodes is limited by a 5k
Ω resistor at
the noninverting input, and by RG at the inverting input.
An IN+ or IN- fault voltage as high as ±17V causes less
than 3.5mA to flow through the input pin, protecting
both the GainAmp and the signal source from damage.
Applications Information
GainAmp fixed-gain amplifiers offer a precision, fixed-
gain amplifier in a small package that can be used in a
variety of circuit board designs. GainAmp fixed-gain
amplifiers can be used in many op amp circuits that
use resistive negative feedback to set gain, and do not
require other connections to the op amp inverting input.
Both inverting and noninverting op amp configurations
can be implemented easily using a GainAmp.
GainAmp Input Voltage Range
The MAX4074/MAX4075 combine both an op amp and
gain-setting feedback resistors on the same IC. The
inverting input voltage range is different from the nonin-
verting input voltage range because the inverting input
pin is connected to the RG input series resistor. Just as
with a discrete design, take care not to saturate the
inputs/output of the core op amp to avoid signal distor-
tions or clipping.
OUT
IN-
IN+
RG
RF
5k
NOTE: INPUT STAGE PROTECTION INCLUDES TWO 17V SCRs
AND TWO DIODES AT THE INPUT STAGE.
VEE
MAX4074
MAX4075
17V
SCR
VEE
VEE
VCC
17V
SCR
Figure 2. Input Protection


Similar Part No. - MAX4074__EUK-

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX407 MAXIM-MAX407 Datasheet
581Kb / 16P
   1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MAX407 MAXIM-MAX407 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX407 MAXIM-MAX407 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX4070 MAXIM-MAX4070 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4070 MAXIM-MAX4070 Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
More results

Similar Description - MAX4074__EUK-

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4284 MAXIM-MAX4284 Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4174 MAXIM-MAX4174 Datasheet
298Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
logo
Analog Devices
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com