Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG52IG Datasheet(PDF) 8 Page - Connor-Winfield Corporation

Part # SCG52IG
Description  Synchronous Clock Generators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG52IG Datasheet(HTML) 8 Page - Connor-Winfield Corporation

Back Button SCG52IG Datasheet HTML 4Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 5Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 6Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 7Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 8Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 9Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 10Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 11Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 12Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet #: SG116
Page 8 of 14
Rev: 01
Date: 1/15/07
© Copyright 2007 The Connor-Winfield Cor p. All Rights Reserved Specifications subject to c hange without notice
-100.0E-9
000.0E+0
100.0E- 9
200.0E- 9
300.0E- 9
400.0E- 9
500.0E- 9
600.0E- 9
700.0E- 9
800.0E- 9
900.0E- 9
1.0E- 6
1.1E- 6
Time (sec)
Typical 1
µµµµµs Phase Transient Response
Figure 6
-1.0E +3
-500.0E+
0
000.0E+
0
500.0E+
0
1.0E +3
1.5E +3
2.0E +3
2.5E +3
3.0E +3
3.5E +3
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
4.5
Time (sec)
Typical Output Response to a 20 ppm Frequency Step
Figure 7


Similar Part No. - SCG52IG

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG52 CONNOR-WINFIELD-SCG52 Datasheet
650Kb / 14P
   Synchronous Clock Generators
More results

Similar Description - SCG52IG

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
523Kb / 20P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
381Kb / 16P
   Synchronous Clock Generators
SCG102A CONNOR-WINFIELD-SCG102A Datasheet
220Kb / 8P
   Synchronous Clock Generators
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
SCG2000IG CONNOR-WINFIELD-SCG2000IG_15 Datasheet
694Kb / 16P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com