Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4041 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4041
Description  Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4041 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4041 Datasheet HTML 6Page - Maxim Integrated Products MAX4041 Datasheet HTML 7Page - Maxim Integrated Products MAX4041 Datasheet HTML 8Page - Maxim Integrated Products MAX4041 Datasheet HTML 9Page - Maxim Integrated Products MAX4041 Datasheet HTML 10Page - Maxim Integrated Products MAX4041 Datasheet HTML 11Page - Maxim Integrated Products MAX4041 Datasheet HTML 12Page - Maxim Integrated Products MAX4041 Datasheet HTML 13Page - Maxim Integrated Products MAX4041 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Single/Dual/Quad, Low-Cost, SOT23,
Micropower, Rail-to-Rail I/O Op Amps
10
______________________________________________________________________________________
Shutdown Mode
The MAX4041 (single) and MAX4043 (dual) feature a
low-power shutdown mode. When the shutdown pin
(SHDN) is pulled low, the supply current drops to 1µA
per amplifier, the amplifier is disabled, and the outputs
enter a high-impedance state. Pulling SHDN high or
leaving it floating enables the amplifier. Take care to
ensure that parasitic leakage current at the SHDN pin
does not inadvertently place the part into shutdown
mode when SHDN is left floating. Figure 4 shows the
output voltage response to a shutdown pulse. The logic
threshold for SHDN is always referred to VCC / 2 (not to
GND). When using dual supplies, pull SHDN to VEE to
enter shutdown mode.
Load-Driving Capability
The MAX4040–MAX4044 are fully guaranteed over tem-
perature and supply voltage to drive a maximum resis-
tive load of 25k
Ω to VCC / 2, although heavier loads can
be driven in many applications. The rail-to-rail output
stage of the amplifier can be modeled as a current
source when driving the load toward VCC, and as a cur-
rent sink when driving the load toward VEE. The magni-
tude of this current source/sink varies with supply
voltage, ambient temperature, and lot-to-lot variations
of the units.
Figures 5a and 5b show the typical current source and
sink capability of the MAX4040–MAX4044 family as a
function of supply voltage and ambient temperature.
The contours on the graph depict the output current
value, based on driving the output voltage to within
50mV, 100mV, and 200mV of either power-supply rail.
1200
0
-60
-40
-20
100
200
400
1000
TEMPERATURE (°C)
0
40
20
600
800
80
60
VCC = 5.5V, VOH = 200mV
VCC = 5.5V, VOH = 100mV
VCC = 2.4V, VOH = 50mV
VCC = 5.5V, VOH = 50mV
VCC = 2.4V,
VOH = 200mV
VCC = 2.4V,
VOH = 100mV
Figure 5a. Output Source Current vs. Temperature
3000
0
-60
-40
-20
100
500
1000
2500
TEMPERATURE (°C)
0
40
20
1500
2000
80
60
VCC = 5.5V, VOL = 200mV
VCC = 2.4V, VOL = 200mV
VCC = 5.5V,
VOL = 100mV
VCC = 2.4V, VOL = 50mV
VCC = 5.5V, VOL = 50mV
VCC = 2.4V, VOL = 100mV
Figure 5b. Output Sink Current vs. Temperature
1V/div
OUT
IN
1V/div
MAX4040-44 fig03
200
µs/div
RL = 100kΩ TIED TO VEE
VIN = 4.0V
fIN = 1kHz
Figure 3. Rail-to-Rail Input/Output Voltage Range
MAX4040-44 fig04
200
µs/div
5V/div
1V/div
SHDN
OUT
VIN = 2V
RL = 100kΩ TIED TO VEE
Figure 4. Shutdown Enable/Disable Output Voltage


Similar Part No. - MAX4041

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4041ESA MAXIM-MAX4041ESA Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4041EUA MAXIM-MAX4041EUA Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
More results

Similar Description - MAX4041

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
   Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com