Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG2230G Datasheet(PDF) 5 Page - Connor-Winfield Corporation

Part # SCG2230G
Description  Synchronous Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2230G Datasheet(HTML) 5 Page - Connor-Winfield Corporation

  SCG2230G Datasheet HTML 1Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 2Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 3Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 4Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 5Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 6Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 7Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 8Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet #: SG126
Page 5 of 16
Rev: 00
Date: 04/25/06
© Copyright 2006 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Input And Output Characteristics
Table 5
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
CMOS Input Characteristics
V
IH
High Level Input Voltage
2
-
5.5
V
V
IL
Low Level Input Voltage
0
-
0.8
V
T
IO
I/O to Output Valid
-
-
10
nS
T
IR
Input Reference Signal Pulse Width
30
-
nS
LVCMOS Output Characteristics
C
O
Output Capacitance
-
-
10
pF
V
OH
High Level Output Voltage l
oH = -6mA
2.2
-
Vdc
High Level Output Voltage l
oH = -100uA
2.9
-
Vdc
V
OL
Low Level Output Voltage l
oL = 6mA
-
-
0.7
Vdc
Low Level Output Voltage l
oL = 100uA
-
-
0.2
Vdc
DC
Output Duty Cycle at 50% level
45
50
55
%
T
RF
Rise and Fall Time (20% - 80%)
-
-
2
ns
LVPECL Output Characteristics
L
Load
-
-
50
6.0
V
OH
Output Voltage High
V
DD-1.18
-
V
DD-0.81
V
dc
6.0
V
OL
Output Voltage Low
V
DD-1.98
-
V
DD-1.55
V
dc
6.0
DC
Output Duty Cycle at 50% level
45
50
55
%
T
RF
Rise and Fall Time (20% - 80%)
-
-
350
ps
Output Jitter Specifications
Table 4
Jitter BW 10 Hz - 20 MHz
SONET Jitter BW 12 KHz - 20 MHz
Frequency (MHz)
pS (RMS)
mUI
pS (RMS)
m UI
77.76 (CMOS Output)
10 Typ.
0.778 Typ.
3 Max.
0.233 Max.
155.55 (LVPECL Output)
10 Typ.
1.55 Typ.
1 Max.
0.155 Max.
163.84 (LVPECL Output)
10 Typ.
1.64 Typ.
1 Max.
0.164 Max.
166.6285 (LVPECL Output)
15 Typ.
2.50 Typ.
1 Max.
0.167 Max.
NOTES:
1.0: Units with option D selected as an output frequency, buffer the reference input and supply it as the
reference output without any jitter attenuation.
2.0: Requires external regulation
3.0: Frequency Lock from a 20 ppm offset in reference frequency
4.0: Offset between Reference Input and the Reference Output at room temperature.
5.0: Offset between Reference Input and the Reference Output over the entire specified temperature range.
6.0: 50
Ω termination into Vcc-2V or Thevinin equivalent.


Similar Part No. - SCG2230G

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
523Kb / 20P
   Synchronous Clock Generators
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
942Kb / 20P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG2000IG CONNOR-WINFIELD-SCG2000IG_15 Datasheet
694Kb / 16P
   Synchronous Clock Generators
SCG2001G-N8 CONNOR-WINFIELD-SCG2001G-N8 Datasheet
417Kb / 12P
   Jitter Filter
More results

Similar Description - SCG2230G

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG6500NT CONNOR-WINFIELD-SCG6500NT Datasheet
800Kb / 12P
   Synchronous Clock Generator
SCG2560 CONNOR-WINFIELD-SCG2560 Datasheet
143Kb / 12P
   Synchronous Clock Generator
SCG3040G5 CONNOR-WINFIELD-SCG3040G5 Datasheet
274Kb / 12P
   Synchronous Clock Generator
SCG4503 CONNOR-WINFIELD-SCG4503 Datasheet
378Kb / 16P
   Synchronous Clock Generator
SCG3040 CONNOR-WINFIELD-SCG3040 Datasheet
751Kb / 12P
   Synchronous Clock Generator
SCG2500A CONNOR-WINFIELD-SCG2500A Datasheet
790Kb / 12P
   Synchronous Clock Generator
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com