Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG2230G Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part # SCG2230G
Description  Synchronous Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2230G Datasheet(HTML) 6 Page - Connor-Winfield Corporation

Back Button SCG2230G Datasheet HTML 2Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 3Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 4Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 5Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 6Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 7Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 8Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 9Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 10Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet #: SG126
Page 6 of 16
Rev: 00
Date: 04/25/06
© Copyright 2006 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Input Reference Selection*
(Option G)
Table 9
Input Sel A
Input Sel B
Reference Frequency
(Pin #18)
(Pin #17)
(Pin #12)
Notes
0
0
8 kHz (default)
1
0
16 kHz
0
1
32 kHz
Not applicable when CMOS output equals 19.44MHz
1
1
64 kHz
Not applicable when CMOS output equals 19.44MHz or 38.88 MHz
*Does not apply to units that use 19.44 MHz as input reference.
Output Frequency Selection
Table 7
Control 3
Control 2
Control 1
LVPECL
CMOS
(Pin #14)
(Pin #11)
(Pin #10)
Output Frequency
Output Frequency
00
0
f
Osc
f
Osc/2
00
1
f
Osc
f
Osc*
01
0
f
Osc
f
Osc/4
01
1
f
Osc/2
f
Osc/2
1
0
0
Tri-State
Tri-State
10
1
f
Osc/2
f
Osc/4
11
0
f
Osc/4
f
Osc/4
11
1
f
Osc/4
f
Osc/8
* Not supported on standard product. Contact a Connor-Winfield Corp. representative if this mode of
operation is required.
Alarm Status
Table 6
LOL Output LOR Output
Alarm Output
0
0
No alarm
1
0
Loss-of-Lock
X
1
Loss-of-Reference
Free Run Control
Table 8
Free Run
Operation
(Pin #5)
0
Locked to reference selected
1
Free Run at the selected output frequency


Similar Part No. - SCG2230G

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
523Kb / 20P
   Synchronous Clock Generators
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
942Kb / 20P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG2000IG CONNOR-WINFIELD-SCG2000IG_15 Datasheet
694Kb / 16P
   Synchronous Clock Generators
SCG2001G-N8 CONNOR-WINFIELD-SCG2001G-N8 Datasheet
417Kb / 12P
   Jitter Filter
More results

Similar Description - SCG2230G

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG6500NT CONNOR-WINFIELD-SCG6500NT Datasheet
800Kb / 12P
   Synchronous Clock Generator
SCG2560 CONNOR-WINFIELD-SCG2560 Datasheet
143Kb / 12P
   Synchronous Clock Generator
SCG3040G5 CONNOR-WINFIELD-SCG3040G5 Datasheet
274Kb / 12P
   Synchronous Clock Generator
SCG4503 CONNOR-WINFIELD-SCG4503 Datasheet
378Kb / 16P
   Synchronous Clock Generator
SCG3040 CONNOR-WINFIELD-SCG3040 Datasheet
751Kb / 12P
   Synchronous Clock Generator
SCG2500A CONNOR-WINFIELD-SCG2500A Datasheet
790Kb / 12P
   Synchronous Clock Generator
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com