Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG2500A Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # SCG2500A
Description  Synchronous Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2500A Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  SCG2500A Datasheet HTML 1Page - Connor-Winfield Corporation SCG2500A Datasheet HTML 2Page - Connor-Winfield Corporation SCG2500A Datasheet HTML 3Page - Connor-Winfield Corporation SCG2500A Datasheet HTML 4Page - Connor-Winfield Corporation SCG2500A Datasheet HTML 5Page - Connor-Winfield Corporation SCG2500A Datasheet HTML 6Page - Connor-Winfield Corporation SCG2500A Datasheet HTML 7Page - Connor-Winfield Corporation SCG2500A Datasheet HTML 8Page - Connor-Winfield Corporation SCG2500A Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Advance Data Sheet #: SG050
Page 2 of 12
Rev: A04
Date: 04/26/04
© Copyright 2004 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Operating Specifications
Table 2
Parameter
Specifications
Notes
Voltage
3.3V ±5%
1.0
Current
150 mA @ 3.46V
Input Frequency Ref 1 and Ref 2
8 kHz
2.0
Available Oscillator Output Frequencies
2.048,19.44 MHz, 51.84 MHz, 77.76 MHz
Reference Output
8 kHz
Temperature Range
0 to 70°C
Input Jitter Tolerance
≥ 1us Typical
(Jitter Frequencies > 10 Hz)
Jitter Bandwidth
< 10 Hz
Acquisition Time
Apprx. 1 sec. frequency lock when reference is stepped up or down 10ppm
< 1 sec. phase lock when switching between same frequency references
30 - 60 sec. phase lock during start-up or when locking from Free Run
Capture/Pull-In Range
± 25 ppm Minimum
Output Duty Cycle
40/60 % Min/Max @ 50% Level
Output Rise and Fall Time
3 nS @ 20% to 80% output level
Output Load
30 pF
Alarm
LOR A, LOR B, LOL
Free Run Accuracy
±20 ppm
Package
Fr4 SM 0.78” x 0.83” x 0.350” (Maximum)
MTIE @ Synchronization Rearrangement
GR-253-CORE, 1999 R5-136
4.0, 4.1
Static Offset
± 19 ns
6.0
Dynamic Offset
± 13 ns
Absolute Maximum Rating
Table 1
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
CC
Power Supply Voltage
-0.5
-
+4.0
Volts
V
I
Input Voltage
-0.5
-
+5.5
Volts
T
S
Storage Temperature
-65.0
-
+150.0
°C
Input and Output Characteristics
Table 3
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
IH
High level input voltage
2.0
-
5.5
V
V
IL
Low level input voltage
0
-
0.8
V
T
IO
I/O to output valid
-
-
10
nS
C
OUT
Output capacitance
-
-
10
pF
V
HO
High level output voltage loh = -4mA
2.40
-
-
-
Vcc Min
V
IO
Low Level output voltage lo1 = 8mA
-
-
0.4
-
Vcc Max
T
IR
Input reference signal pulse width
30
-
-
nS


Similar Part No. - SCG2500A

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
SCG2500 CONNOR-WINFIELD-SCG2500_15 Datasheet
899Kb / 10P
   Synchronous Clock Generators
More results

Similar Description - SCG2500A

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2230G CONNOR-WINFIELD-SCG2230G Datasheet
336Kb / 16P
   Synchronous Clock Generator
SCG6500NT CONNOR-WINFIELD-SCG6500NT Datasheet
800Kb / 12P
   Synchronous Clock Generator
SCG2560 CONNOR-WINFIELD-SCG2560 Datasheet
143Kb / 12P
   Synchronous Clock Generator
SCG3040G5 CONNOR-WINFIELD-SCG3040G5 Datasheet
274Kb / 12P
   Synchronous Clock Generator
SCG4503 CONNOR-WINFIELD-SCG4503 Datasheet
378Kb / 16P
   Synchronous Clock Generator
SCG3040 CONNOR-WINFIELD-SCG3040 Datasheet
751Kb / 12P
   Synchronous Clock Generator
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com