Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG2503 Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part # SCG2503
Description  Synchronous Clock Generators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2503 Datasheet(HTML) 6 Page - Connor-Winfield Corporation

Back Button SCG2503 Datasheet HTML 2Page - Connor-Winfield Corporation SCG2503 Datasheet HTML 3Page - Connor-Winfield Corporation SCG2503 Datasheet HTML 4Page - Connor-Winfield Corporation SCG2503 Datasheet HTML 5Page - Connor-Winfield Corporation SCG2503 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2503 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2503 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2503 Datasheet HTML 9Page - Connor-Winfield Corporation SCG2503 Datasheet HTML 10Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet #: SG081
Page 6 of 12
Rev: 00
Date: 06/21/05
© Copyright 2005 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Start-up Region
1
8 kHz Reference Input
< 31.25
µsec
> 31.25
µsec
31.25
µsec
2
3
4
125
µsec wide range
Minimum pulse width = 62.5
µsec
During Start-up, The LOL Alarm will pulse
during the first few seconds of operation
5
Loss of Reference Condition Alarm Timing
Figure 4
AlarmTiming Legend
Use for all alarm timing diagrams
Table 7
LOL
(Internal Signal)
Phase Detector
(Internal Signal)
External Reference
(Selected Input A or B)
Internal Reference
(Internal Signal)
LOR
(Internal Signal)
4
2
2
2
2
2
2
2
2
2
2
2
2
2
2
3
2
Start-up
Region
1
1
Alarm Output
(LOR + LOL)


Similar Part No. - SCG2503

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
SCG2500A CONNOR-WINFIELD-SCG2500A Datasheet
790Kb / 12P
   Synchronous Clock Generator
SCG2500 CONNOR-WINFIELD-SCG2500_15 Datasheet
899Kb / 10P
   Synchronous Clock Generators
More results

Similar Description - SCG2503

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
523Kb / 20P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
381Kb / 16P
   Synchronous Clock Generators
SCG102A CONNOR-WINFIELD-SCG102A Datasheet
220Kb / 8P
   Synchronous Clock Generators
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
SCG2000IG CONNOR-WINFIELD-SCG2000IG_15 Datasheet
694Kb / 16P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com