Electronic Components Datasheet Search |
|
2SC2565 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd. |
|
2SC2565 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd. |
1 / 3 page JMnic Product Specification Silicon NPN Power Transistors 2SC2565 DESCRIPTION ・ ・With MT-200 package ・Complement to type 2SA1095 ・High transition frequency APPLICATIONS ・For power amplifier applications PINNING(see Fig.2) PIN DESCRIPTION 1 Base 2 Collector;connected to mounting base 3 Emitter Absolute maximum ratings (Ta=25°C) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter 160 V VCEO Collector-emitter voltage Open base 160 V VEBO Emitter-base voltage Open collector 5 V IC Collector current 15 A IB Base current 1.5 A PC Collectorl power dissipation TC=25℃ 150 W Tj Junction temperature 150 ℃ Tstg Storage temperature -55~150 ℃ Fig.1 simplified outline (MT-200) and symbol |
Similar Part No. - 2SC2565_15 |
|
Similar Description - 2SC2565_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |