Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4072 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4072
Description  Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4072 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4072 Datasheet HTML 4Page - Maxim Integrated Products MAX4072 Datasheet HTML 5Page - Maxim Integrated Products MAX4072 Datasheet HTML 6Page - Maxim Integrated Products MAX4072 Datasheet HTML 7Page - Maxim Integrated Products MAX4072 Datasheet HTML 8Page - Maxim Integrated Products MAX4072 Datasheet HTML 9Page - Maxim Integrated Products MAX4072 Datasheet HTML 10Page - Maxim Integrated Products MAX4072 Datasheet HTML 11Page - Maxim Integrated Products MAX4072 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Bidirectional, High-Side, Current-Sense
Amplifiers with Reference
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = VRS+ = 12V, VSENSE = 50mV for gain of 100V/V and 75mV for gain of 50V/V, TA = +25
°C, unless otherwise noted.)
EXITING SHUTDOWN
MAX4069-72 toc24
100
µs/div
VREFOUT
2V/div
VOUT
2V/div
VSHDN
5V/div
STARTUP DELAY
MAX4069-72 toc23
20
µs/div
VREFOUT
5V/div
VOUT
5V/div
VCC
10V/div
LARGE-SIGNAL TRANSIENT RESPONSE
MAX4069-72 toc22
100
µs/div
OUTPUT
2V/div
INPUT
20mV/div
GAIN = 100
REF
LARGE-SIGNAL TRANSIENT RESPONSE
MAX4069-72 toc21
100
µs/div
OUTPUT
2V/div
INPUT
50mV/div
GAIN = 50
REF
SMALL-SIGNAL TRANSIENT RESPONSE
MAX4069-72 toc20
100
µs/div
OUTPUT
500mV/div
REF
INPUT
5mV/div
GAIN = 100
SMALL-SIGNAL TRANSIENT RESPONSE
MAX4069-72 toc19
100
µs/div
OUTPUT
200mV/div
REF
INPUT
5mV/div
GAIN = 50


Similar Part No. - MAX4072

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4072 MAXIM-MAX4072 Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
MAX4072ATA MAXIM-MAX4072ATA Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
MAX4072ATA++ MAXIM-MAX4072ATA+ Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
MAX4072AUA MAXIM-MAX4072AUA Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
MAX4072AUA++ MAXIM-MAX4072AUA+ Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
More results

Similar Description - MAX4072

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069_08 Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210 Datasheet
2Mb / 22P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 2 - February 2020
TSC210 STMICROELECTRONICS-TSC210_V01 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
logo
Texas Instruments
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com