Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM34 Datasheet(PDF) 7 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 7 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 3Page - Connor-Winfield Corporation SM34 Datasheet HTML 4Page - Connor-Winfield Corporation SM34 Datasheet HTML 5Page - Connor-Winfield Corporation SM34 Datasheet HTML 6Page - Connor-Winfield Corporation SM34 Datasheet HTML 7Page - Connor-Winfield Corporation SM34 Datasheet HTML 8Page - Connor-Winfield Corporation SM34 Datasheet HTML 9Page - Connor-Winfield Corporation SM34 Datasheet HTML 10Page - Connor-Winfield Corporation SM34 Datasheet HTML 11Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 7
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Detailed Description
The SM34 can accept up to 8 external references from 8 kHz to 77.76 MHz and each is monitored for signal presence and
frequency offset. Additionally, a cross-couple reference input is provided for master/slave operation. Reference selection may be
manual or automatic, according to pre-programmed priorities. All reference switches are performed in a hitless manner, and frequency
ramp controls ensure smooth output signal transitions. When references are switched, the device provides an automatic phase build-
out to minimize phase transitions in the output clocks.
Three output signals are provided, the first up to 77.76 MHz , the second fixed at 8 kHz for use as a Frame Sync signal as well as
a cross-couple reference for master/slave operation. In slave mode, the output phase may be adjusted from -32 to +31.75nS relative
to the master, to accommodate downstream system needs, such as different clock distribution path lengths. The third output is a BITS
clock, selectable as either 1.544 MHz or 2.048 MHz.
Device operation may be in Free Run, locked, or Hold Over modes. In Free Run, the clock frequencies are simply determined by
the accuracy of the calibrated internal clock. In locked mode, the SM34 phase locks to the selected input reference. While locked, a
frequency history is accumulated. In Hold Over mode, the output frequencies are generated according to this history.
The Digital Phase Locked Loop provides the critical filtering and frequency/phase control that meet or exceed all requirements in
critical jitter and accuracy performance parameters. Filter bandwidth may be configured to suit applications requirements.
Control functions are provided via standard SPI bus register interface. Register access provides visibility into a variety of registered
information as well as providing extensive programmable control capability.
Operating Modes: The SM34 Operates in Either Free Run, Locked, or Hold Over Mode:
Free Run – In Free Run mode, Output 1, 8k_Out, and BITS_Clk, the output clocks, are determined directly from and have the
accuracy of the calibrated free running internal clock. Reference inputs continue to be monitored for signal presence and frequency
offset, but are not used to synchronize the outputs.
Locked – The Output 1, 8k_Out, and BITS_Clk, outputs are phase locked and track the selected input reference. Upon entering
the Locked mode, the device begins an acquisition process that includes reference qualification and frequency slew rate limiting, if
needed. Once satisfactory lock is achieved, the “Locked” bit is set in the DPLL_Status register, and a compilation of the frequency
history of the selected reference is started. When a usable Hold Over history has been established, the
Hold_Good pin is set, and
the “Hold Over Available” bit is set in the
DPLL_Status register.
Phase comparison and phase lock loop filtering operations in the SM34 are completely digital. As a result, device and loop
behavior are entirely predictable, repeatable, and extremely accurate. Carefully designed and proven algorithms and techniques
ensure completely hit-less reference switches, operational mode changes, and master/slave switches.
Basic loop bandwidth is programmable from .025 Hz to 1.6 Hz, giving the user a wide range of control over the system response.
When a new reference is acquired, maximum frequency slew limits ensure smooth frequency changes. Once lock is achieved,
(<100 seconds for stratum 3), the “Locked” bit is set. If the SM34 is unable to maintain lock, Loss of Lock
(LOL) is asserted. All
transitions between locked, Hold Over and Free Run modes are performed with minimal phase events and smooth frequency and
phase transitions.
Reference phase hits or phase differences encountered when switching references (or when entering locked mode) are nulled out
with an automatic phase build-out function, with a residual phase error of less than 1ns.
Hold Over – Upon entering Hold Over mode, the Output 1, 8k_Out, and BITS_Clk, outputs are determined from the Hold Over
history established for the last selected reference. Output frequency is determined by a weighted average of the Hold Over history, and
accuracy is determined by the internal clock. Hold Over mode may be entered manually or automatically. Automatic entry into Hold
Over mode occurs when operating in the automatic mode, the reference is lost, and no other valid reference exists. The transfer into
and out of Hold Over mode is designed to be smooth and free of hits. The frequency slew is also limited to a maximum of ±2 ppm/sec.
The history accumulation algorithm uses a first order frequency difference filtering algorithm. Typical holdover accumulation takes
about 15 minutes. When a usable holdover history has been established, the
Hold_Good pin is set, and the “Holdover Available” bit is
set in the
DPLL_Status register. The holdover history continues to be updated after “Holdover Available” is declared.
The algorithm accumulates the holdover history only when it has locked to either an external reference in Master operation or the
M/S REF clock in Slave operation, starting 15 minutes after power up. Tracking will be suspended automatically when switching to a
new reference and in Hold Over or Free Run mode. A set of registers allows the application to control a holdover history maintenance
policy, enabling either a re-build or continuance of the history when a reference switch occurs.


Similar Part No. - SM34

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SM34 KEMET-SM34 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Dc Components
SM340 DCCOM-SM340 Datasheet
389Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Texas Instruments
SM34020A TI1-SM34020A Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020A-S TI1-SM34020A-S Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM32 TI-SM34020AGBM32 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
More results

Similar Description - SM34

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SM3-8RG5 CONNOR-WINFIELD-SM3-8RG5 Datasheet
616Kb / 32P
   8 REFERENCE STRATUM 3 MODULE
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
ASOF3S3G CONNOR-WINFIELD-ASOF3S3G Datasheet
217Kb / 2P
   SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
OFA3BB2AA CONNOR-WINFIELD-OFA3BB2AA Datasheet
240Kb / 2P
   3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
ASOF5S3 CONNOR-WINFIELD-ASOF5S3 Datasheet
165Kb / 2P
   SURFACE MOUNT 5.0V HCMOS STRATUM 3 OCXO
ASOF3S3 CONNOR-WINFIELD-ASOF3S3 Datasheet
168Kb / 2P
   SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ESOF3S3 CONNOR-WINFIELD-ESOF3S3 Datasheet
189Kb / 2P
   SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
OFA3JP2AB CONNOR-WINFIELD-OFA3JP2AB Datasheet
216Kb / 2P
   3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
OFB3JP2AB CONNOR-WINFIELD-OFB3JP2AB Datasheet
220Kb / 2P
   3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
BSOV3S3 CONNOR-WINFIELD-BSOV3S3 Datasheet
192Kb / 2P
   SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com