Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4051MJE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4051MJE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4051MJE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4051MJE Datasheet HTML 6Page - Maxim Integrated Products MAX4051MJE Datasheet HTML 7Page - Maxim Integrated Products MAX4051MJE Datasheet HTML 8Page - Maxim Integrated Products MAX4051MJE Datasheet HTML 9Page - Maxim Integrated Products MAX4051MJE Datasheet HTML 10Page - Maxim Integrated Products MAX4051MJE Datasheet HTML 11Page - Maxim Integrated Products MAX4051MJE Datasheet HTML 12Page - Maxim Integrated Products MAX4051MJE Datasheet HTML 13Page - Maxim Integrated Products MAX4051MJE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
10
______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, unless otherwise noted.)
_____________________________________________________________Pin Descriptions
Digital Inhibit Input. Normally connect to GND. Can be driven
to logic high to set all switches off.
6
6
Negative Analog Supply Voltage Input. Connect to GND for
single-supply operation.
7
7
Ground. Connect to digital ground. (Analog signals have no
ground reference; they are limited to V+ and V-.)
8
8
Digital Address “A” Input
9
9
Digital Address “B” Input
10
10
Analog Switch “B” Normally Open Input
Analog Switch “B” Normally Closed Input
Analog Switch “A” Normally Open Input
Analog Switch “A” Normally Closed Input
Analog Switch “B” Common
3
Analog Switch “B” Inputs 0–3
1, 2, 5, 4
Analog Switch Common
3
Analog Switch Inputs 0–7
13, 1, 15, 2,
14, 5, 12, 4
FUNCTION
Analog Switch “C” Normally Closed Input
Analog Switch “C” Normally Open Input
Analog Switch “C” Common
Digital Address “C” Input
11
Analog Switch “A” Inputs 0–3
12, 15, 14, 11
Analog Switch “A” Common
13
Note: NO, NC, and COM pins are identical and interchangeable. Any may be considered an input or output; signals pass equally
well in both directions.
INH
6
V-
7
GND
8
ADDA
9
ADDB
10
NOB
1
NCB
2
NOA
3
NCA
5
COMB
15
NO0B–NO3B
COM
NO0–NO7
NAME
NCC
12
NOC
13
COMC
14
ADDC
11
NO0A–NO3A
COMA
4
MAX4051/
MAX4051A
MAX4052/
MAX4052A
MAX4053/
MAX4053A
0.01
10
100
1k
10k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
0.1
FREQUENCY (Hz)
1
10
100
V± = ±5V
600
Ω IN AND OUT
Positive Analog and Digital Supply Voltage Input
16
16
V+
16
PIN
0
-10
-90
0.01
0.1
1
10
100 300
FREQUENCY RESPONSE
-80
-70
FREQUENCY (MHz)
-50
-60
-40
-20
-30
5
0
-40
-35
-30
-20
-25
-15
-5
-10
INSERTION LOSS
50
Ω IN/OUT
OFF ISOLATION
ON PHASE


Similar Part No. - MAX4051MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4051 MAXIM-MAX4051 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX4051 MAXIM-MAX4051 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX40512 MAXIM-MAX40512 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4051A MAXIM-MAX4051A Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4051ACEE MAXIM-MAX4051ACEE Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
More results

Similar Description - MAX4051MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com