Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78M09M3 Datasheet(PDF) 10 Page - Cystech Electonics Corp.

Part # LM78M09M3
Description  Three Terminal Medium Current Positive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78M09M3 Datasheet(HTML) 10 Page - Cystech Electonics Corp.

Back Button LM78M09M3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78M09M3 Datasheet HTML 3Page - Cystech Electonics Corp. LM78M09M3 Datasheet HTML 4Page - Cystech Electonics Corp. LM78M09M3 Datasheet HTML 5Page - Cystech Electonics Corp. LM78M09M3 Datasheet HTML 6Page - Cystech Electonics Corp. LM78M09M3 Datasheet HTML 7Page - Cystech Electonics Corp. LM78M09M3 Datasheet HTML 8Page - Cystech Electonics Corp. LM78M09M3 Datasheet HTML 9Page - Cystech Electonics Corp. LM78M09M3 Datasheet HTML 10Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C520M3
Issued Date : 2014.05.08
Revised Date : 2014.06.23
Page No. : 10/10
LM78MXXM3
CYStek Product Specification
SOT-89 Dimension
*: Typical
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
0.1732
0.1811
4.40
4.60
F
0.0591 TYP
1.50 TYP
B
0.1551
0.1673
3.94
4.25
G
0.1181 TYP
3.00 TYP
C
0.0610 REF
1.55 REF
H
0.0551
0.0630
1.40
1.60
D
0.0906
0.1024
2.30
2.60
I
0.0138
0.0173
0.35
0.44
E
0.0126
0.0205
0.32
0.52
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
3-Lead SOT-89 Plastic
Surface Mounted Package
CYStek Package Code: M3
E
F
G
C
B
A
I
D
H
3
2
1
Marking:
Style: Pin 1. Vin 2. GND 3. Vout
78M□□
□□□□
Date
Code
Vout:
5V→05
6V→06
8V→08
9V→09
12V→12
15V→15
18V→18
24V→24


Similar Part No. - LM78M09M3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LM78M09 KEXIN-LM78M09 Datasheet
55Kb / 2P
   Three-Terminal Positive Voltage Regulator
logo
First Components Intern...
LM78M09 FCI-LM78M09 Datasheet
529Kb / 7P
   LM78M00Series-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM78M09J3 CYSTEKEC-LM78M09J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M09J3 CYSTEKEC-LM78M09J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results

Similar Description - LM78M09M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78M06M3 CYSTEKEC-LM78M06M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M08M3 CYSTEKEC-LM78M08M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M05M3 CYSTEKEC-LM78M05M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M15M3 CYSTEKEC-LM78M15M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M18M3 CYSTEKEC-LM78M18M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M12M3 CYSTEKEC-LM78M12M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M24M3 CYSTEKEC-LM78M24M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
PL78M05XJ3 CYSTEKEC-PL78M05XJ3 Datasheet
152Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com