Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78M12M3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # LM78M12M3
Description  Three Terminal Medium Current Positive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78M12M3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  LM78M12M3 Datasheet HTML 1Page - Cystech Electonics Corp. LM78M12M3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78M12M3 Datasheet HTML 3Page - Cystech Electonics Corp. LM78M12M3 Datasheet HTML 4Page - Cystech Electonics Corp. LM78M12M3 Datasheet HTML 5Page - Cystech Electonics Corp. LM78M12M3 Datasheet HTML 6Page - Cystech Electonics Corp. LM78M12M3 Datasheet HTML 7Page - Cystech Electonics Corp. LM78M12M3 Datasheet HTML 8Page - Cystech Electonics Corp. LM78M12M3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C520M3
Issued Date : 2014.05.08
Revised Date : 2014.06.23
Page No. : 5/10
LM78MXXM3
CYStek Product Specification
LM78M12
(Ta=25
°C, Vin=19V, Io=350mA, Cin=0.33uF, Cout=0.1uF, unless otherwise noted)
Symbol
Parameter
Conditions
LM78M12
Units
Min
Typ
Max
Vo
Output Voltage
11.52
12.0
12.48
V
5mA
≤Io≤350mA
15V
≤Vin≤27V
11.40
-
12.60
ΔVo
Line Regulation
IO=200mA, 14.5V
≤Vin≤30V
-
5
100
mV
IO=200mA, 16V
≤Vin≤30V
-
3
50
ΔVo
Load Regulation
5mA
≤Io≤500mA
-
30
240
mV
5mA
≤Io≤200mA
-
15
120
IQ
Quiescent Current
-
3.5
8
mA
ΔIQ
Quiescent Current
Change
5mA
≤Io≤350mA
-
-
0.5
mA
14.5V
≤Vin≤30V, Io=200mA
-
-
1.0
Vn
Output Noise Voltage
10Hz
≤f≤100KHz
-
110
-
μV
RR
Ripple Rejection
15V
≤Vin≤25V, Io=100mA,
f=120Hz, eIN=1Vrms
55
-
-
dB
VD
Dropout Voltage
Io=500mA
-
2
-
V
ISC
Output Short Circuit
Current
Vin=30V
170
mA
IPK
Peak Output Current
Tj=25℃
700
mA
TCVo
Temperature Coefficient
of Output Voltage
Io=5mA, 0≤Tj≤125℃
-0.5
mV/℃
LM78M15
(Ta=25
°C, Vin=23V, Io=350mA, Cin=0.33uF, Cout=0.1uF, unless otherwise noted)
Symbol
Parameter
Conditions
LM78M15
Units
Min
Typ
Max
Vo
Output Voltage
14.40
15.0
15.60
V
5mA
≤Io≤350mA
17.5V
≤Vin≤30V
14.25
-
15.75
ΔVo
Line Regulation
IO=200mA, 17.5V
≤Vin≤30V
-
6
100
mV
IO=200mA, 20V
≤Vin≤30V
-
3
50
ΔVo
Load Regulation
5mA
≤Io≤500mA
-
30
300
mV
5mA
≤Io≤200mA
-
15
150
IQ
Quiescent Current
-
4.5
8
mA
ΔIQ
Quiescent Current
Change
5mA
≤Io≤350mA
-
-
0.5
mA
17.5V
≤Vin≤30V, Io=200mA
-
-
1.0
Vn
Output Noise Voltage
10Hz
≤f≤100KHz
-
130
-
μV
RR
Ripple Rejection
18.5V
≤Vin≤28.5V, Io=100mA,
f=120Hz, eIN=1Vrms
54
-
-
dB
VD
Dropout Voltage
Io=500mA
-
2
-
V
ISC
Output Short Circuit
Current
Vin=30V
170
mA
IPK
Peak Output Current
Tj=25℃
700
mA
TCVo
Temperature Coefficient
of Output Voltage
Io=5mA, 0≤Tj≤125℃
-0.6
mV/℃


Similar Part No. - LM78M12M3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78M12 NSC-LM78M12 Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
logo
First Components Intern...
LM78M12 FCI-LM78M12 Datasheet
529Kb / 7P
   LM78M00Series-Terminal Low Current Positive Voltage Regulators
logo
National Semiconductor ...
LM78M12CH NSC-LM78M12CH Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
LM78M12CH NSC-LM78M12CH Datasheet
240Kb / 7P
   3-Terminal Positive Voltage Regulators
logo
Texas Instruments
LM78M12CH TI1-LM78M12CH Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
More results

Similar Description - LM78M12M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78M06M3 CYSTEKEC-LM78M06M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M08M3 CYSTEKEC-LM78M08M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M05M3 CYSTEKEC-LM78M05M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M15M3 CYSTEKEC-LM78M15M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M18M3 CYSTEKEC-LM78M18M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M24M3 CYSTEKEC-LM78M24M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
LM78M09M3 CYSTEKEC-LM78M09M3 Datasheet
314Kb / 10P
   Three Terminal Medium Current Positive
PL78M05XJ3 CYSTEKEC-PL78M05XJ3 Datasheet
152Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com