Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB4ST08 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MB4ST08
Description  Miniature Glass Passivated Single Phase Surface Mount Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MB4ST08 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MB4ST08 Datasheet HTML 1Page - Cystech Electonics Corp. MB4ST08 Datasheet HTML 2Page - Cystech Electonics Corp. MB4ST08 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C769HT
Issued Date : 2014.04.29
Revised Date :
Page No. : 3/ 3
MB05ST08 thru MB10ST08
CYStek Product Specification
MBST Dimension
Marking :
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.165
0.181
4.200
4.600
F
-
0.008
-
0.200
B
0.023
0.031
0.600
0.800
G
-
0.275
-
7.000
C
0.177
0.193
4.500
4.900
J
0.006
0.010
0.150
0.250
D
0.049
0.057
1.250
1.450
L
-
0.650
-
1.650
E
0.900
0.106
2.300
2.700
Q
0.024
0.028
0.600
0.700
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
MBST Plastic Surface
Mounted Package
CYStek Package Code: HT
XX
□□□□□□
Date Code
Device Name
Type
MB05ST08 MB1ST08 MB2ST08 MB4ST08 MB6ST08 MB8ST08 MT10ST08
Marking
05ST08
1ST08
2ST08
4ST08
6ST08
8ST08
10ST08


Similar Part No. - MB4ST08

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MB4ST05 CYSTEKEC-MB4ST05 Datasheet
272Kb / 3P
   Miniature Glass Passivated Single Phase Surface Mount Bridge Rectifiers
More results

Similar Description - MB4ST08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF02S-E377 VISHAY-DF02S-E377 Datasheet
85Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 19-Aug-13
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
logo
Cystech Electonics Corp...
DB101SG CYSTEKEC-DB101SG Datasheet
140Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_08 Datasheet
103Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Surge Components
MB1S SURGE-MB1S Datasheet
409Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
DF005SA VISHAY-DF005SA_13 Datasheet
87Kb / 5P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 19-Aug-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com