Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4053CSE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4053CSE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4053CSE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4053CSE Datasheet HTML 7Page - Maxim Integrated Products MAX4053CSE Datasheet HTML 8Page - Maxim Integrated Products MAX4053CSE Datasheet HTML 9Page - Maxim Integrated Products MAX4053CSE Datasheet HTML 10Page - Maxim Integrated Products MAX4053CSE Datasheet HTML 11Page - Maxim Integrated Products MAX4053CSE Datasheet HTML 12Page - Maxim Integrated Products MAX4053CSE Datasheet HTML 13Page - Maxim Integrated Products MAX4053CSE Datasheet HTML 14Page - Maxim Integrated Products MAX4053CSE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
__________Applications Information
Power-Supply Considerations
Overview
The MAX4051/MAX4052/MAX4053 and MAX4051A/
MAX4052A/MAX4053A construction is typical of most
CMOS analog switches. They have three supply pins:
V+, V-, and GND. V+ and V- are used to drive the inter-
nal CMOS switches and set the limits of the analog volt-
age on any switch. Reverse ESD-protection diodes are
internally connected between each analog signal pin
and both V+ and V-. If any analog signal exceeds V+ or
V-, one of these diodes will conduct. During normal
operation, these (and other) reverse-biased ESD diodes
leak, forming the only current drawn from V+ or V-.
Virtually all the analog leakage current comes from the
ESD diodes. Although the ESD diodes on a given signal
pin are identical, and therefore fairly well balanced,
they are reverse biased differently. Each is biased by
either V+ or V- and the analog signal. This means their
leakages will vary as the signal varies. The
difference in
the two diode leakages to the V+ and V- pins consti-
tutes the analog signal path leakage current. All analog
leakage current flows between each pin and one of the
supply terminals, not to the other switch terminal. This is
why both sides of a given switch can show leakage cur-
rents of either the same or opposite polarity.
There is no connection between the analog signal
paths and GND.
Low-Voltage, CMOS Analog
Multiplexers/Switches
______________________________________________________________________________________
11
X
1
Table 1. Truth Table/Switch Programming
X
X
All switches open
All switches open
All switches open
0
0
COM–NO0
COMB–NO0B,
COMC–NO0C
COMA–NCA,
COMB–NCB,
COMC–NCC
0
0
0
1
COM–NO1
COMB–NO1B,
COMC–NO1C
COMA–NOA,
COMB–NCB,
COMC–NCC
0
0
1
1
COM–NO3
COMB–NO3B,
COMC–NO3C
COMA–NOA,
COMB–NOB,
COMC–NCC
1
0
COM–NO2
COMB–NO2B,
COMC–NO2C
COMA–NCA,
COMB–NOB,
COMC–NCC
0
0
0
0
0
1
COM–NO5
COMB–NO1B,
COMC–NO1C
COMA–NOA,
COMB–NCB,
COMC–NOC
0
0
COM–NO4
COMB–NO0B,
COMC–NO0C
COMA–NCA,
COMB–NCB,
COMC–NOC
1
0
1
0
1
1
COM–NO7
COMB–NO3B,
COMC–NO3C
COMA–NOA,
COMB–NOB,
COMC–NOC
1
0
COM–NO6
COMB–NO2B,
COMC–NO2C
COMA–NCA,
COMB–NOB,
COMC–NOC
1
0
1
0
X = Don’t care
* ADDC not present on MAX4052.
Note: NO and COM pins are identical and interchangeable. Either may be considered an input or output; signals pass equally well
in either direction.
ON SWITCHES
ADDRESS BITS
ADDB
ADDA
MAX4051/
MAX4051A
MAX4052/
MAX4052A
MAX4053/
MAX4053A
ADDC*
INH


Similar Part No. - MAX4053CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4053 MAXIM-MAX4053 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX4053 MAXIM-MAX4053 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4053A MAXIM-MAX4053A Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
More results

Similar Description - MAX4053CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com