Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4053AESE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4053AESE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4053AESE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4053AESE Datasheet HTML 1Page - Maxim Integrated Products MAX4053AESE Datasheet HTML 2Page - Maxim Integrated Products MAX4053AESE Datasheet HTML 3Page - Maxim Integrated Products MAX4053AESE Datasheet HTML 4Page - Maxim Integrated Products MAX4053AESE Datasheet HTML 5Page - Maxim Integrated Products MAX4053AESE Datasheet HTML 6Page - Maxim Integrated Products MAX4053AESE Datasheet HTML 7Page - Maxim Integrated Products MAX4053AESE Datasheet HTML 8Page - Maxim Integrated Products MAX4053AESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
4
_______________________________________________________________________________________
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3:
∆RON = RON(MAX) - RON(MIN).
Note 4: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges; i.e., VNO = 3V to 0V and 0V to -3V.
Note 5: Leakage parameters are 100% tested at maximum-rated hot operating temperature, and guaranteed by correlation at
TA = +25°C.
Note 6: Guaranteed by design, not production tested.
C, E, M
V
2.4
VIH
ADD, INH Input Logic
Threshold High
TA = +25°C
TA = +25°C
CONDITIONS
ns
ns
75
250
tTRANS
Transition Time
Figure 2
210
tOPEN
Break-Before-Make Delay
Figure 4
C, E, M
TA = +25°C
ns
50
175
225
tON
Turn-On Time (Note 6)
Figure 3
TA = +25°C
pF
2
CNO(OFF)
NO Off Capacitance
VNO = GND, f = 1MHz, Figure 7
TA = +25°C
TA = +25°C
C, E, M
V
±2.7
±8
V+, V-
Power-Supply Range
-1
0.1
1
TA = +25°C
pF
2
CCOM(OFF)
COM Off Capacitance
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
VCOM = GND, f = 1MHz, Figure 7
pC
210
Q
Charge Injection (Note 6)
CL = 1nF, RS = 0Ω, VNO = 0V,
Figure 5
C, E, M
µA
10
I+
V+ Supply Current
INH = ADD = 0V or V+
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
C, E, M
V
0.8
VIL
ADD, INH Input Logic
Threshold Low
C, E, M
µA
-1
0.03
1
IIH, IIL
ADD, INH Input Current
Logic High or Low
VADD, VINH = V+, 0V
C, E, M
TA = +25°C
ns
40
150
200
tOFF
Turn-Off Time (Note 6)
Figure 3
TA = +25°C
pF
8
C(ON)
Switch On Capacitance
VCOM = VNO = GND, f = 1MHz,
Figure 7
TA = +25°C
dB
<-90
VISO
Off Isolation
CL = 15pF, RL = 50Ω, f = 100kHz,
VNO = 1VRMS, Figure 6
TA = +25°C
-1
0.1
1
C, E, M
µA
-10
I-
V- Supply Current
INH = ADD = 0V or V+
TA = +25°C
dB
<-90
VCT
Channel-to-Channel
Crosstalk
CL = 15pF, RL = 50Ω, f = 100kHz,
VNO = 1VRMS, Figure 6
DIGITAL I/O
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY


Similar Part No. - MAX4053AESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4053A MAXIM-MAX4053A Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
More results

Similar Description - MAX4053AESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com