Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8S89831I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS8S89831I
Description  Output frequency
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8S89831I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS8S89831I Datasheet HTML 6Page - Integrated Device Technology ICS8S89831I Datasheet HTML 7Page - Integrated Device Technology ICS8S89831I Datasheet HTML 8Page - Integrated Device Technology ICS8S89831I Datasheet HTML 9Page - Integrated Device Technology ICS8S89831I Datasheet HTML 10Page - Integrated Device Technology ICS8S89831I Datasheet HTML 11Page - Integrated Device Technology ICS8S89831I Datasheet HTML 12Page - Integrated Device Technology ICS8S89831I Datasheet HTML 13Page - Integrated Device Technology ICS8S89831I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ICS8S89831I Data Sheet
DIFFERENTIAL LVPECL-TO-LVPECL/ECL FANOUT BUFFER
ICS8S89831AKI REVISION A APRIL 26, 2010
10
©2010 Integrated Device Technology, Inc.
2.5V LVPECL Input with Built-In 50Termination Interface
The IN /nIN with built-in 50
Ω terminations accept LVDS, LVPECL,
CML, SSTL and other differential signals. Both signals must meet the
VIN and VIH input requirements. Figures 3A to 3D show interface
examples for the IN/nIN with built-in 50
termination input driven by
the most common driver types. The input interfaces suggested here
are examples only. If the driver is from another vendor, use their
termination recommendation. Please consult with the vendor of the
driver component to confirm the driver termination requirements.
Figure 3A. IN/nIN Input with Built-In 50
Driven by an LVDS Driver
Figure 3C. IN/nIN Input with Built-In 50
Driven by a CML Driver with Open Collector
Figure 3B. IN/nIN Input with Built-In 50
Driven by an LVPECL Driver
Figure 3D. IN/nIN Input with Built-In 50
Driven by an SSTL Driver
IN
nIN
VT
Receiver
With
Built-In
50
LVDS
3.3V or 2.5V
2.5V
Zo = 50
Zo = 50
IN
nIN
VT
CML
Receiver
With
Built-In
50
2.5V
2.5V
Zo = 50
Zo = 50
IN
nIN
VT
Receiver
With
Built-In
50
R1
18
LVPECL
2.5V
2.5V
Zo = 50
Zo = 50
SSTL
R1
25
R2
25
IN
nIN
VT
Receiver
With
Built-In
50
2.5V
2.5V
Zo = 50
Zo = 50


Similar Part No. - ICS8S89831I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8S89832I IDT-ICS8S89832I Datasheet
712Kb / 16P
   Four differential LVDS output pairs
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
   Four differential LVDS outputs
ICS8S89834I IDT-ICS8S89834I Datasheet
879Kb / 17P
   Low Skew, 2-to-4 LVCMOS/LVTTL-to-LVPECL/ECL Clock Multiplexer
More results

Similar Description - ICS8S89831I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
   Maximum output frequency
83056 IDT-83056 Datasheet
167Kb / 15P
   Maximum output frequency
83947 IDT-83947 Datasheet
122Kb / 10P
   Maximum output frequency
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
   Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
   Maximum output frequency
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
   Maximum output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com