Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S006I Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS853S006I
Description  One differential PCLK
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S006I Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS853S006I Datasheet HTML 2Page - Integrated Device Technology ICS853S006I Datasheet HTML 3Page - Integrated Device Technology ICS853S006I Datasheet HTML 4Page - Integrated Device Technology ICS853S006I Datasheet HTML 5Page - Integrated Device Technology ICS853S006I Datasheet HTML 6Page - Integrated Device Technology ICS853S006I Datasheet HTML 7Page - Integrated Device Technology ICS853S006I Datasheet HTML 8Page - Integrated Device Technology ICS853S006I Datasheet HTML 9Page - Integrated Device Technology ICS853S006I Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ICS853S006I Data Sheet
LOW SKEW, 1-TO-6, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853S006AGI REVISION A NOVEMBER 15, 2011
6
©2011 Integrated Device Technology, Inc.
Table 4D. ECL DC Characteristics, VCC = 0V; VEE = -3.465V to -2.375V, TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50
Ω to V
CCO – 2V.
NOTE 2: Single-ended input operation is limited. VEE ≤ -3V in LVPECL mode.
NOTE 3: Common mode voltage is defined as VIH.
NOTE 4: For single-ended applications, the maximum input voltage for PCLK, nPCLK is VCC + 0.3V
Symbol
Parameter
-40°C
25°C
85°C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output High Voltage; NOTE 1
-1.12
-0.93
-0.89
-1.09
-0.95
-0.88
-1.06
-0.96
-0.89
V
VOL
Output Low Voltage; NOTE 1
-1.895
-1.74
-1.62
-1.875
-1.75
-1.65
-1.86
-1.75
-1.65
V
VSWING
Peak-to-Peak Output Voltage
Swing
625
800
870
690
800
870
730
800
852
mV
VIH
Input High Voltage (Single-ended)
-1.225
-0.94
-1.225
-0.94
-1.225
-0.94
V
VIL
Input Low Voltage (Single-ended)
-1.87
-1.535
-1.87
-1.535
-1.87
-1.535
V
VBB
Output Voltage Reference;
NOTE 2
-1.44
-1.32
-1.44
-1.32
-1.44
-1.32
V
VPP
Peak-to-Peak Input Voltage
150
800
1200
150
800
1200
150
800
1200
mV
VCMR
Input High Voltage Common
Mode Range; NOTE 3, 4
VEE+1.2
0
VEE+1.2
0
VEE+1.2
0
V
IIH
Input
High Current
PCLK, nPCLK
150
150
150
µA
IIL
Input
Low Current
PCLK
-10
-10
-10
µA
nPCLK
-150
-150
-150
µA


Similar Part No. - ICS853S006I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS853S006I RENESAS-ICS853S006I Datasheet
709Kb / 20P
   Low Skew, 1-to-6, Differential-to2.5V, 3.3V LVPECL/ECL Fanout Buffer
NOVEMBER 15, 2011
More results

Similar Description - ICS853S006I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843S1333D IDT-ICS843S1333D Datasheet
823Kb / 14P
   One differential LVPECL output
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
   One differential input reference clock
8T73S208A-01 IDT-8T73S208A-01 Datasheet
441Kb / 22P
   One differential input reference clock
ICS874S02I IDT-ICS874S02I Datasheet
3Mb / 16P
   One differential clock input pair
IDT8P34S1106I IDT-IDT8P34S1106I Datasheet
312Kb / 18P
   One differential clock input pair
ICS854S054I IDT-ICS854S054I Datasheet
1Mb / 14P
   One differential LVDS output pair
ICS8N3PG10MBKI-062 IDT-ICS8N3PG10MBKI-062 Datasheet
270Kb / 20P
   One differential LVPECL output pair
8T74S208 IDT-8T74S208 Datasheet
353Kb / 18P
   One differential input reference clock
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
   One differential LVDS output pair
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com