Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF6G10-135RN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BLF6G10-135RN
Description  Power LDMOS transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF6G10-135RN Datasheet(HTML) 1 Page - NXP Semiconductors

  BLF6G10-135RN_15 Datasheet HTML 1Page - NXP Semiconductors BLF6G10-135RN_15 Datasheet HTML 2Page - NXP Semiconductors BLF6G10-135RN_15 Datasheet HTML 3Page - NXP Semiconductors BLF6G10-135RN_15 Datasheet HTML 4Page - NXP Semiconductors BLF6G10-135RN_15 Datasheet HTML 5Page - NXP Semiconductors BLF6G10-135RN_15 Datasheet HTML 6Page - NXP Semiconductors BLF6G10-135RN_15 Datasheet HTML 7Page - NXP Semiconductors BLF6G10-135RN_15 Datasheet HTML 8Page - NXP Semiconductors BLF6G10-135RN_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
135 W LDMOS power transistor for base station applications at frequencies from
700 MHz to 1000 MHz.
[1]
Test signal: 3GPP; test model 1; 64 DPCH; PAR = 7.5 dB at 0.01 % probability on CCDF per carrier; carrier
spacing 5 MHz.
1.2 Features
Typical 2-carrier W-CDMA performance at frequencies of 869 MHz and 894 MHz, a
supply voltage of 28 V and an IDq of 950 mA:
Average output power = 26.5 W
Power gain = 21.0 dB
Efficiency = 28.0 %
ACPR =
−39 dBc
Easy power control
Integrated ESD protection
Enhanced ruggedness
High efficiency
Excellent thermal stability
Designed for broadband operation (700 MHz to 1000 MHz)
Internally matched for ease of use
Compliant to Directive 2002/95/EC, regarding restriction of hazardous substances
(RoHS)
BLF6G10-135RN;
BLF6G10LS-135RN
Power LDMOS transistor
Rev. 02 — 21 January 2010
Product data sheet
Table 1.
Typical performance
Typical RF performance at Tcase = 25 °C in a class-AB production test circuit.
Mode of operation
f
VDS
PL(AV)
Gp
η
D
ACPR
(MHz)
(V)
(W)
(dB)
(%)
(dBc)
2-carrier W-CDMA
869 to 894
28
26.5
21.0
28.0
−39[1]
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling.


Similar Part No. - BLF6G10-135RN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G10-135RN NXP-BLF6G10-135RN Datasheet
152Kb / 11P
   Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G10-135RN NXP-BLF6G10-135RN Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF6G10-135RN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com